Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5955 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5955 Datasheet HTML 2Page - STMicroelectronics L5955 Datasheet HTML 3Page - STMicroelectronics L5955 Datasheet HTML 4Page - STMicroelectronics L5955 Datasheet HTML 5Page - STMicroelectronics L5955 Datasheet HTML 6Page - STMicroelectronics L5955 Datasheet HTML 7Page - STMicroelectronics L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics L5955 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specification
L5955
6/17
VOL
LVW output voltage
IOL = 100µA
0
0.2
V
TS
Thermal shutdown for HSDS,
REGS, VST-BY1, VST-BY2
HSDS, REGS, VST-BY1, VST-BY2
min. load.
Increase Tamb until HSDS,
REGS, VST-BY1,2 Disabled
170
°C
TS HYS
Thermal shutdown hysteresis for
HSDS, REGS, VST-BY1, VST-BY2
HSDS, REGS, VST-BY1, VST-BY2
min. load.
Decrease Tamb until HSDS,
REGS, VST-BY1,2 Disabled
10
°C
Io
CSLEW output current
7
14
µA
ton
ST-BY1, ST-BY2. minimum turn
on time
CSLEW=7nF; see Figure 5
1.6
ms
3.3V/125mA VST-BY1
VST-BY1 Output voltage
IST-BY1 = 125mA
3.14
3.46
V
ΔV
line
Line regulation
7V
≤ V
BAT ≤ 18V
(Measure
ΔVreg1 across V
BAT
range)
10
mV
ΔV
load
Load regulation
0.5mA
≤ I
ST-BY1 ≤ 125mA
(Measure
ΔVreg1 across V
BAT
range)
50
mV
Iq1
Δ Quiescent current
(measure
ΔI
BAT)
IST-BY1 = 2mA, VBAT = 14V,
IST-BY1 = 125mA, VBAT = 14V
150
10
μA
mA
VDROPOUT
Dropout voltage (measure VBAT -
VST-BY1 when VST-BY1drops 0.1V)
IST-BY1 = 125mA
IST-BY1 = 5mA
2.6
1.2
V
V
Ilim1
Current limit
160
350
mA
ΔV
lead
VST-BY1 absolute differential
output voltage
force VST-BY2 Low; Measure
VST-BY1 - VST-BY2
2.5
V
ΔV
lag
force VST-BY1 Low; Measure
VST-BY1 - VST-BY2
0.25
V
SVR1
Supply voltage rejection ST-BY1
fo = 120-10kHz, VBAT = 14V
with 1.0Vp-p AC,
fo = 20-20kHz, VBAT = 14V
with 1.0Vp-p AC
50
45
dB
dB
1.5V/300mA VST-BY2
VST-BY2 Output voltage
IST-BY2 = 300mA
1.425
1.575
V
ΔV
line
Line regulation
7V
≤ V
BAT ≤ 18V
(measure
Δ V
ST-BY2 across VBAT
range)
50
mV
Table 4.
Electrical characteristics (continued)
(Refer to the application circuit, Vbat =Vbat1+Vbat2+Vbat3= 14V, IST-BY1 = 0.5mA, IST-BY2 =
0.5mA, IREG1 = IREG2 = IREG3 = IREG4 = IREG5 = IREG6 = 5mA, RHSD1 = RHSD2 = RHSD3 = 16Ω)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com