Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5955 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5955
Description  Multiple multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5955 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5955 Datasheet HTML 6Page - STMicroelectronics L5955 Datasheet HTML 7Page - STMicroelectronics L5955 Datasheet HTML 8Page - STMicroelectronics L5955 Datasheet HTML 9Page - STMicroelectronics L5955 Datasheet HTML 10Page - STMicroelectronics L5955 Datasheet HTML 11Page - STMicroelectronics L5955 Datasheet HTML 12Page - STMicroelectronics L5955 Datasheet HTML 13Page - STMicroelectronics L5955 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Functional description
L5955
10/17
3
Functional description
The three high side drivers are one 2A output (HSD1) and two 450mA outputs (HSD2 & 3).
The six regulator outputs are 10V at 40mA (REG1), 8.5V at 200mA (REG2), 3.3V at 850mA
(REG3), 8/10V at 1A (REG4), 1.8V/3.3V/5V at 250mA (REG5) and 1.8V/2.5V at 200mA
(REG6).
The two stand-by regulators are 3.3V at 125mA (ST-BY1) and 1.5V at 300mA (ST-BY2).
ST-BY1 and ST-BY2 are equipped with Reset function.
ST-BY1 and ST-BY2 share one Reset output (MRST).
A slew rate limiter and a sequencing function control ST-BY1 and ST-BY2 turn on/off.
The 8.5V regulator output (REG2) has a tighter tolerance output than the other regulator
outputs.
The 8.5V output is a ±2.5% (5% total range) output over temperature to improve
performance and reduce cost on the 8.5V output. The other outputs are ±5% over
temperature.
The two STAND-BY regulators are switched on/off from battery line.
The REG3 is switched on/off by Enable pin which also activate the I2C BUS.
The other Regulators and HSD’s are turned on/off independently by I2C BUS, which also
controls the regulators' output voltages.
With ENABLE pin set to 0 the total current sunk from the battery line minimized.
Figure 3.
Reset and power-on reset schematic
MA
5.6pF
IVCP(1FAULT)
rst*
RESET DRIVER
LATCH
PULL DOWN
LATCH
WINDOW
COMPARATOR
CRSTDLY
RST*
1
μA
5V
MB
1
μA
0.22
μF
5V
VSTBY1
FOR MRST
REG6
FOR RSTR6
VSTBY2
R
SQ
Q
R
SQ
Q
FF1
FF2
D02AU1401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com