Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6713A Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 38Page - STMicroelectronics L6713A Datasheet HTML 39Page - STMicroelectronics L6713A Datasheet HTML 40Page - STMicroelectronics L6713A Datasheet HTML 41Page - STMicroelectronics L6713A Datasheet HTML 42Page - STMicroelectronics L6713A Datasheet HTML 43Page - STMicroelectronics L6713A Datasheet HTML 44Page - STMicroelectronics L6713A Datasheet HTML 45Page - STMicroelectronics L6713A Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Soft-start
L6713A
42/64
16
Soft-start
L6713A implements a soft-start to smoothly charge the output filter avoiding high in-rush
currents to be required to the input power supply. The device increases the reference from
zero up to the programmed value in different ways according to the selected operative mode
and the output voltage increases accordingly with closed loop regulation.
The device implements soft-start only when all the power supplies are above their own turn-
on thresholds and the OUTEN pin is set free.
At the end of the digital soft-start, SS_END/PGOOD signal is set free. Protections are active
during this phase; under voltage is enabled when the reference voltage reaches 0.6 V while
over voltage is always enabled with a threshold dependent on the selected operative mode
or with the fixed threshold programmed by ROVP (See “Over voltage and programmable
OVP” Section).
Figure 15.
Soft-start
16.1
Intel mode
Once L6713A receives all the correct supplies and enables, and Intel mode has been
selected, it initiates the soft-start phase with a T1 = 1 ms(min) delay. After that, the reference
ramps up to VBOOT = 1.081 V (1.100V - 19mV) in T2 according to the SS/LTBG/AMD settings
and waits for T3 = 75 μsec(typ) during which the device reads the VID lines. Output voltage
will then ramps up to the programmed value in T4 with the same slope as before (See
Figure 15).
SS/LTB/AMD defines the frequency of an internal additional soft-start-oscillator used to step
the reference from zero up to the programmed value; this oscillator is independent from the
main oscillator whose frequency is programmed through the OSC pin.
In particular, it allows to precisely programming the start-up time up to VBOOT (T2) since it is
a fixed voltage independent by the programmed VID. Total soft-start time dependence on
the programmed VID results (See Figure 17 and See Figure 19).
OUTEN
SS_END
Intel Mode
VOUT
t
t
t
T1 T2 T3 T4
TSS
OUTEN
PGOOD
AMD 6BIT Mode
VOUT
t
t
t
TSS
OVP
OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com