Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6713A Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6713A
Description  2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6713A Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6713A Datasheet HTML 43Page - STMicroelectronics L6713A Datasheet HTML 44Page - STMicroelectronics L6713A Datasheet HTML 45Page - STMicroelectronics L6713A Datasheet HTML 46Page - STMicroelectronics L6713A Datasheet HTML 47Page - STMicroelectronics L6713A Datasheet HTML 48Page - STMicroelectronics L6713A Datasheet HTML 49Page - STMicroelectronics L6713A Datasheet HTML 50Page - STMicroelectronics L6713A Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
L6713A
Output voltage monitor and protections
47/64
17
Output voltage monitor and protections
L6713A monitors through pin VSEN the regulated voltage in order to manage the OVP, UVP
and PGOOD (when applicable) conditions. The device shows different thresholds when
programming different operation mode (Intel or AMD, See Table 12) but the behavior in
response to a protection event is still the same as described below.
When using OFFSET functionality the OVP, UVP and PGOOD thresholds change in
according to the OFFSET voltage:
Protections are active also during soft-start (See “Soft-start” Section) while are masked
during D-VID transitions with an additional 32 clock cycle delay after the transition has
finished to avoid false triggering.
17.1
Under voltage
If the output voltage monitored by VSEN drops more than -750 mV below the programmed
reference for more than one clock period, L6713A turns OFF all MOSFETs and latches the
condition: to recover it is required to cycle Vcc or the OUTEN pin. This is independent of the
selected operative mode.
17.2
Preliminary over voltage
To provide a protection while VCC is below the UVLOVCC threshold is fundamental to avoid
damage to the CPU in case of failed HS MOSFETs. In fact, since the device is supplied from
the 12 V bus, it is basically “blind” for any voltage below the turn-ON threshold (UVLOVCC).
In order to give full protection to the load, a preliminary-OVP protection is provided while
VCC is within UVLOVCC and UVLOOVP.
This protection turns-ON the low side MOSFETs as long as the VSEN pin voltage is greater
than 1.800 V with a 350 mV hysteresis. When set, the protection drives the LS MOSFET
with a gate-to-source voltage depending on the voltage applied to VCCDRx and
independently by the turn-ON threshold across these pins (UVLOVCCDR). This protection
depends also on the OUTEN pin status as detailed in Figure 22.
A simple way to provide protection to the output in all conditions when the device is OFF
(then avoiding the unprotected red region in Figure 22-Left) consists in supplying the
controller through the 5 VSB bus as shown in Figure 22-Right: 5 VSB is always present
before +12 V and, in case of HS short, the LS MOSFET is driven with 5 V assuring a reliable
protection of the load. Preliminary OVP is always active before UVLOVCC for both Intel and
AMD modes.
V
SEN
V
OUT
R
OFFSET
() I
OFFSET
()
V
OUT TH
[]
⇒
⋅
–
V
SEN TH
[]
R
OFFSET
() I
OFFSET
⋅
+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com