Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4995 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4995 Datasheet HTML 1Page - STMicroelectronics TS4995 Datasheet HTML 2Page - STMicroelectronics TS4995 Datasheet HTML 3Page - STMicroelectronics TS4995 Datasheet HTML 4Page - STMicroelectronics TS4995 Datasheet HTML 5Page - STMicroelectronics TS4995 Datasheet HTML 6Page - STMicroelectronics TS4995 Datasheet HTML 7Page - STMicroelectronics TS4995 Datasheet HTML 8Page - STMicroelectronics TS4995 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
March 2008
Rev 3
1/26
26
TS4995
1.2 W fully differential audio power amplifier
with selectable standby and 6 dB fixed gain
Features
■ Differential inputs
■ 90 dB PSRR @ 217 Hz with grounded inputs
■ Operates from VCC = 2.5 V to 5.5 V
■ 1.2 W rail-to-rail output power @ VCC=5 V,
THD+N=1%, F=1 kHz, with an 8
Ω load
■ 6 dB integrated fixed gain
■ Ultra-low consumption in standby mode
(10 nA)
■ Selectable standby mode (active low or active
high)
■ Ultra-fast startup time: 10 ms typ. at VCC=3.3 V
■ Available in 9-bump flip chip (300 mm bump
diameter)
■ Ultra-low pop and click
Applications
■ Mobile phones (cellular / cordless)
■ PDAs
■ Laptop / notebook computers
■ Portable audio devices
Description
The TS4995 is an audio power amplifier capable
of delivering 1.2 W of continuous RMS output
power into an 8
Ω load at 5 V. Thanks to its
differential inputs, it exhibits outstanding noise
immunity.
An external standby mode control reduces the
supply current to less than 10 nA. A STBY MODE
pin allows the standby pin to be active high or
low. An internal thermal shutdown protection is
also provided, making the device capable of
sustaining short-circuits.
The TS4995 features an internal fixed gain at 6dB
which reduces the number of external
components on the application board.
The device is equipped with common mode
feedback circuitry allowing outputs to be always
biased at VCC/2 regardless of the input common
mode voltage.
The TS4995 is specifically designed for high
quality audio applications such as mobile phones
and requires few external components.
TS4995 - Flip chip 9
Pin connections (top view)
V
IN+
V
O-
V
CC
V
IN-
V
O+
Gnd
1
2
3
76
5
4
8
Bypass
Stdby
Stdby Mode
9
V
IN+
V
O-
V
CC
V
IN-
V
O+
Gnd
1
2
3
76
5
4
8
Bypass
Stdby
Stdby Mode
9
www.st.com


Similar Part No. - TS4995

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4990 STMICROELECTRONICS-TS4990 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4990 STMICROELECTRONICS-TS4990 Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
More results

Similar Description - TS4995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
1.2 W audio power amplifier with active low standby mode
21-May-2008
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
logo
Eutech Microelectronics...
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
AN2474 STMICROELECTRONICS-AN2474 Datasheet
145Kb / 7P
TS4995 1.2W fully differential audio power amplifier with selectable
Jan-2007
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com