Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4995 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4995
Description  1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4995 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4995 Datasheet HTML 6Page - STMicroelectronics TS4995 Datasheet HTML 7Page - STMicroelectronics TS4995 Datasheet HTML 8Page - STMicroelectronics TS4995 Datasheet HTML 9Page - STMicroelectronics TS4995 Datasheet HTML 10Page - STMicroelectronics TS4995 Datasheet HTML 11Page - STMicroelectronics TS4995 Datasheet HTML 12Page - STMicroelectronics TS4995 Datasheet HTML 13Page - STMicroelectronics TS4995 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical characteristics
TS4995
10/26
Figure 14.
THD+N vs. output power
Figure 15.
THD+N vs. output power
1E-3
0.01
0.1
1
0.1
1
10
Vcc=2.6V
Vcc=3.3V
Vcc=5V
RL = 8
Ω
G = 6dB
F = 20kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1
0.1
1
10
Vcc=2.6V
Vcc=3.3V
Vcc=5V
RL = 8
Ω
G = 6dB
F = 20kHz
Cb = 0
BW < 125kHz
Tamb = 25
°C
Output power (W)
Figure 16.
THD+N vs. output power
Figure 17.
THD+N vs. output power
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=2.6V
Vcc=3.3V
Vcc=5V
RL = 16
Ω
G = 6dB
F = 20kHz
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=2.6V
Vcc=3.3V
Vcc=5V
RL = 16
Ω
G = 6dB
F = 20kHz
Cb = 0
BW < 125kHz
Tamb = 25
°C
Output power (W)
Figure 18.
THD+N vs. frequency
Figure 19.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=280mW
Vcc=3.3V, Po=500mW
Frequency (Hz)
RL = 4
Ω
G = 6dB
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Vcc=5V, Po=1000mW
100
1000
10000
0.01
0.1
1
10
Vcc=2.6V, Po=280mW
Vcc=3.3V, Po=500mW
Frequency (Hz)
RL = 4
Ω
G = 6dB
Cb = 0
BW < 125kHz
Tamb = 25
°C
Vcc=5V, Po=1000mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com