Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6732 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 2Page - STMicroelectronics L6732 Datasheet HTML 3Page - STMicroelectronics L6732 Datasheet HTML 4Page - STMicroelectronics L6732 Datasheet HTML 5Page - STMicroelectronics L6732 Datasheet HTML 6Page - STMicroelectronics L6732 Datasheet HTML 7Page - STMicroelectronics L6732 Datasheet HTML 8Page - STMicroelectronics L6732 Datasheet HTML 9Page - STMicroelectronics L6732 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Electrical data
L6732
6/37
2
Electrical data
2.1
Maximum rating
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
VCC to GND and PGND, OCH, PGOOD
-0.3 to 18
V
VBOOT -
VPHASE
Boot voltage
0 to 6
V
VHGATE -
VPHASE
0 to VBOOT - VPHASE
V
VBOOT
BOOT
-0.3 to 24
V
VPHASE
PHASE
-1 to 18
V
PHASE spike, transient < 50 ns (FSW = 500 kHz)
-3
+24
SS, FB, EAREF, SYNC, OCL, LGATE, COMP,
VCCDR
-0.3 to 6
V
OCH pin
Maximum withstanding voltage range
test condition: CDF-AEC-Q100-002 “human body
model” acceptance criteria: “normal performance”
±1500
V
PGOOD pin
±1000
Other pins
±2000
Table 3.
Thermal data
Symbol
Description
Value
Unit
RthJA
Thermal resistance junction to ambient
50
°C/W
TSTG
Storage temperature range
-40 to +150
°C
TJ
Junction operating temperature range
-40 to +125
°C
TA
Ambient operating temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com