Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6732 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 6Page - STMicroelectronics L6732 Datasheet HTML 7Page - STMicroelectronics L6732 Datasheet HTML 8Page - STMicroelectronics L6732 Datasheet HTML 9Page - STMicroelectronics L6732 Datasheet HTML 10Page - STMicroelectronics L6732 Datasheet HTML 11Page - STMicroelectronics L6732 Datasheet HTML 12Page - STMicroelectronics L6732 Datasheet HTML 13Page - STMicroelectronics L6732 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical characteristics
L6732
10/37
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Gate drivers
RHGATE_ON High side source resistance
VBOOT - VPHASE = 5 V
1.7
Ω
RHGATE_OFF High side sink resistance
VBOOT - VPHASE = 5 V
1.12
Ω
RLGATE_ON Low side source resistance
VCCDR = 5 V
1.15
Ω
RLGATE_OFF Low side sink resistance
VCCDR = 5 V
0.6
Ω
Protections
IOCH
OCH current source
VOCH = 1.7 V
90
100
110
µΑ
IOCL
OCL current source
90
100
110
µΑ
OVP
Over voltage trip
(VFB / VEAREF)
VFB rising
VEAREF = 0.6 V
120
%
VFB falling
VEAREF = 0.6 V
117
%
Under voltage threshold
(V
B
FB B/ VBEAREFB)
V
B
FBB falling
80
%
Power good
Upper threshold
(V
B
FB B/ VBEAREFB)
V
B
FBB rising
108
110
112
%
Lower threshold
(V
B
FB B/ VBEAREFB)
V
B
FBB falling
88
90
92
%
V
B
PGOODB
PGOOD voltage low
I
B
PGOODB = -5 mA
0.5
V
Table 5.
Electrical characteristics
(VCC = 12 V, TA = 25 °C, unless otherwise specified) (continued)
Table 6.
Thermal characteristics (VCC = 12 V)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Output voltage
VFB
Output voltage
TJ = 0 °C ~ 125 °C
0.596
0.6
0.605
V
TJ = -40 °C ~ 125 °C
0.593
0.6
0.605



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com