Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6933H1.2TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6933H1.2TR
Description  High performance 2A ULDO linear regulator with Soft Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6933H1.2TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6933H1.2TR Datasheet HTML 4Page - STMicroelectronics L6933H1.2TR Datasheet HTML 5Page - STMicroelectronics L6933H1.2TR Datasheet HTML 6Page - STMicroelectronics L6933H1.2TR Datasheet HTML 7Page - STMicroelectronics L6933H1.2TR Datasheet HTML 8Page - STMicroelectronics L6933H1.2TR Datasheet HTML 9Page - STMicroelectronics L6933H1.2TR Datasheet HTML 10Page - STMicroelectronics L6933H1.2TR Datasheet HTML 11Page - STMicroelectronics L6933H1.2TR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application information
L6933H1.2
8/12
7.3
Component part list
Figure 8.
Compensation network
Table 6. Component part list Figure 8
Reference
Part number
Description
Manufacturer
C1
GRM32ER61C226ME20
22
µf, 16 V
Murata
C2
GRM32ER61A106KA01
10
µf, 10 V
Murata
C3
N.M.
CSS
10 nF, 16 V
R1
0
Ω
R2
N.M.
R3
100 K
Ω
Q1
General purpose signal
NPN
R4
1 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com