Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6933H1.2TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6933H1.2TR
Description  High performance 2A ULDO linear regulator with Soft Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6933H1.2TR Datasheet(HTML) 3 Page - STMicroelectronics

  L6933H1.2TR Datasheet HTML 1Page - STMicroelectronics L6933H1.2TR Datasheet HTML 2Page - STMicroelectronics L6933H1.2TR Datasheet HTML 3Page - STMicroelectronics L6933H1.2TR Datasheet HTML 4Page - STMicroelectronics L6933H1.2TR Datasheet HTML 5Page - STMicroelectronics L6933H1.2TR Datasheet HTML 6Page - STMicroelectronics L6933H1.2TR Datasheet HTML 7Page - STMicroelectronics L6933H1.2TR Datasheet HTML 8Page - STMicroelectronics L6933H1.2TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
L6933H1.2
Pin settings
3/12
1
Pin settings
1.1
Pin connection
Figure 2.
Pin connection (top view)
1.2
Pin description
Table 2. Pin description
Pin N°
Name
Description
SS/INH
1
The soft-start time is programmed connecting an external capacitor from this
pin and GND. The internal current generator forces a current of 5
µA through
the capacitor. In steady state regulation, the voltage at this pin will be about 8 V.
This pin is also used to inhibit the device: when the voltage at this pin is lower
than the 0.5 V, the device is disabled.
VIN
2
Supply voltage. This pin is connected to the drain of the internal N-mos.
Connect this pin to a capacitor larger than 10 µF.
ADJ
3
Connecting this pin to a voltage divider it is possible to program the output
voltage between 1.2 V and 5 V.
VOUT
4
Regulated output voltage. This pin is connected to the source of the internal N-
mos. Connect this pin to a capacitor of 10 µF.
PGOOD
5
Power good output. The pin is open drain and detects the output voltage. It is
forced low if the output voltage is lower than 90 % the programmed voltage.
NC
7, 8
Not connected
GND
6
Ground pins internally connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com