Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7375A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7375A
Description  2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375A Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7375A Datasheet HTML 1Page - STMicroelectronics TDA7375A Datasheet HTML 2Page - STMicroelectronics TDA7375A Datasheet HTML 3Page - STMicroelectronics TDA7375A Datasheet HTML 4Page - STMicroelectronics TDA7375A Datasheet HTML 5Page - STMicroelectronics TDA7375A Datasheet HTML 6Page - STMicroelectronics TDA7375A Datasheet HTML 7Page - STMicroelectronics TDA7375A Datasheet HTML 8Page - STMicroelectronics TDA7375A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TDA7375A
2/15
3
DESCRIPTION
The TDA7375A is a new technology class AB car radio amplifier able to work either in DUAL BRIDGE or
QUAD SINGLE ENDED configuration.
The exclusive fully complementary structure of the output stage and the internally fixed gain guarantee the
highest possible power performances with extremely reduced component count.
The on-board clip detector simplifies gain compression operation. The fault diagnostics makes it possible
to detect mistakes during car radio set assembly and wiring in the car.
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
Figure 3. Pin Connection (Top view)
Symbol
Parameter
Value
Unit
Vop
Operating Supply Voltage
18
V
VS
DC Supply Voltage
28
V
Vpeak
Peak Supply Voltage (for t = 50ms)
40
V
IO
Output Peak Current (not repetitive t = 100
µs)
4.5
A
IO
Output Peak Current (repetitive f > 10Hz)
3.5
A
Ptot
Power Dissipation (Tcase = 85°C)
36
W
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
max
1.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com