Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7375A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7375A
Description  2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7375A Datasheet HTML 1Page - STMicroelectronics TDA7375A Datasheet HTML 2Page - STMicroelectronics TDA7375A Datasheet HTML 3Page - STMicroelectronics TDA7375A Datasheet HTML 4Page - STMicroelectronics TDA7375A Datasheet HTML 5Page - STMicroelectronics TDA7375A Datasheet HTML 6Page - STMicroelectronics TDA7375A Datasheet HTML 7Page - STMicroelectronics TDA7375A Datasheet HTML 8Page - STMicroelectronics TDA7375A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
TDA7375A
Table 4. Electrical Characteristcs (Refer to the test circuit, VS = 14.4V; RL = 4Ω; f = 1KHz; Tamb = 25°C,
unless otherwise specified)
(*) See built-in S/C protection description
(**) Pin 10 Pulled-up to 5V with 10K
Ω; RL = 4Ω
(***) Saturated square wave output.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
RL = ∞
150
mA
VOS
Output Offset Voltage
150
mV
PO
Output Power
THD = 10%; RL = 4Ω
Bridge
Single Ended
Single Ended, RL = 2Ω
23
6.5
25
7
12
W
W
W
PO max
Max. Output Power (***)
VS = 14.4V, Bridge
37
43
W
PO EIAJ
EIAJ Output Power (***)
VS = 13.7V, Bridge
33
37
W
THD
Distortion
RL = 4Ω
Single Ended, PO = 0.1 to 4W
Bridge, PO = 0.1 to 10W
0.02
0.03
0.3
%
%
CT
Cross Talk
f = 1KHz Single Ended
70
dB
f = 10KHz Single Ended
60
dB
f = 1KHz Bridge
55
dB
f = 10KHz Bridge
60
dB
RIN
Input Impedance
Single Ended
20
30
K
Ω
Bridge
10
15
K
Ω
GV
Voltage Gain
Single Ended
19
20
21
dB
Bridge
25
26
27
dB
GV
Voltage Gain Match
0.5
dB
EIN
Input Noise Voltage
Rg = 0; ”A” weighted, S.E.
Non Inverting Channels
Inverting Channels
2
5
µV
µV
Bridge
Rg = 0; 22Hz to 22KHz
3.5
µV
SVR
Supply Voltage Rejection
Rg = 0; f = 300Hz
50
dB
ASB
Stand-by Attenuation
PO = 1W
80
90
dB
ISB
ST-BY Current Consumption
VST-BY = 0 to 1.5V
100
µA
VSB
ST-BY In Threshold Voltage
1.5
V
VSB
ST-BY Out Threshold Voltage
3.5
V
Ipin7
ST-BY Pin Current
Play Mode Vpin7 = 5V
50
µA
Max Driving Curr. Under Fault (*)
5
mA
Icd off
Clipping Detector Output
Average Current
d = 1% (**)
90
µA
Icd on
Clipping Detector Output
Average Current
d = 5% (**)
160
µA
Vsat pin10
Voltage Saturation on pin 10
Sink Current at Pin 10 = 1mA
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com