Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T58-70PC1FE Datasheet(PDF) 22 Page - STMicroelectronics

Part # M48T58-70PC1FE
Description  5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58-70PC1FE Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M48T58-70PC1FE Datasheet HTML 18Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 19Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 20Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 21Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 22Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 23Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 24Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 25Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
DC and AC parameters
M48T58, M48T58Y
22/31
Table 9.
DC characteristics
Figure 12.
Power down/up mode AC waveforms
Symbol
Parameter
Test condition(1)
1.
Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
M48T58
M48T58Y
Unit
Min
Max
Min
Max
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
±1
µA
ILO
(2)
2.
Outputs deselected.
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
±1
µA
ICC
Supply Current
Outputs open
50
50
mA
ICC1
Supply Current (Standby)
TTL
E1 = VIH
E2 = VIO
33
mA
ICC2
Supply Current (Standby)
CMOS
E1 = VCC – 0.2V
E2 = VSS + 0.2V
33
mA
VIL
Input Low Voltage
–0.3
0.8
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
0.4
Output Low Voltage (FT)(3)
3.
The FT pin is Open Drain.
IOL = 10mA
0.4
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
2.4
V
AI01168C
VCC
INPUTS
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tPD
tRB
tDR
VALID
VALID
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
trec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com