Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T58-70PC1FE Datasheet(PDF) 23 Page - STMicroelectronics

Part # M48T58-70PC1FE
Description  5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58-70PC1FE Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M48T58-70PC1FE Datasheet HTML 19Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 20Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 21Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 22Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 23Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 24Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 25Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 26Page - STMicroelectronics M48T58-70PC1FE Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
M48T58, M48T58Y
DC and AC parameters
23/31
Table 10.
Power down/up AC characteristics
Table 11.
Power down/up trip points DC characteristics
Symbol
Parameter(1)
1.
Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where
noted).
Min
Max
Unit
tPD
E1 or W at VIH or E2 at VIL before Power Down
0
µs
tF
(2)
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring
until 200µs after VCC passes VPFD (min).
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
VPFD (min) to VSS VCC Fall Time
M48T58
10
µs
M48T58Y
10
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tRB
VSS to VPFD (min) VCC Rise Time
1
µs
trec
VPFD (max) to Inputs Recognized
40
200
ms
Symbol
Parameter(1)(2)
1.
Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where
noted).
2.
All voltages referenced to VSS.
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48T58
4.5
4.6
4.75
V
M48T58Y
4.2
4.35
4.5
V
VSO
Battery Back-up Switchover Voltage
3.0
V
tDR
(3)
3.
At 25°C, VCC = 0V.
Expected Data Retention Time
7
YEARS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com