Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4962 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 16Page - STMicroelectronics TS4962_07 Datasheet HTML 17Page - STMicroelectronics TS4962_07 Datasheet HTML 18Page - STMicroelectronics TS4962_07 Datasheet HTML 19Page - STMicroelectronics TS4962_07 Datasheet HTML 20Page - STMicroelectronics TS4962_07 Datasheet HTML 21Page - STMicroelectronics TS4962_07 Datasheet HTML 22Page - STMicroelectronics TS4962_07 Datasheet HTML 23Page - STMicroelectronics TS4962_07 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Electrical characteristics
TS4962
20/46
VN
Output voltage noise f = 20Hz to 20kHz, G = 6dB
μVRMS
Unweighted RL = 4Ω
A-weighted RL = 4Ω
85
60
Unweighted RL = 8Ω
A-weighted RL = 8Ω
86
62
Unweighted RL = 4Ω + 15µH
A-weighted RL = 4Ω + 15µH
76
56
Unweighted RL = 4Ω + 30µH
A-weighted RL = 4Ω + 30µH
82
60
Unweighted RL = 8Ω + 30µH
A-weighted RL = 8Ω + 30µH
67
53
Unweighted RL = 4Ω + Filter
A-weighted RL = 4Ω + Filter
Unweighted RL = 4Ω + Filter
A-weighted RL = 4Ω + Filter
78
57
74
54
1.
Standby mode is active when VSTBY is tied to GND.
Table 10.
Electrical characteristics at VCC +2.4V
with GND = 0V, Vicm = 1.2V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com