Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4962 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS4962_07 Datasheet HTML 25Page - STMicroelectronics TS4962_07 Datasheet HTML 26Page - STMicroelectronics TS4962_07 Datasheet HTML 27Page - STMicroelectronics TS4962_07 Datasheet HTML 28Page - STMicroelectronics TS4962_07 Datasheet HTML 29Page - STMicroelectronics TS4962_07 Datasheet HTML 30Page - STMicroelectronics TS4962_07 Datasheet HTML 31Page - STMicroelectronics TS4962_07 Datasheet HTML 32Page - STMicroelectronics TS4962_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
TS4962
Electrical characteristics
29/46
Figure 46.
THD+N vs. frequency
Figure 47.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Po=0.1W
Po=0.18W
RL=8
Ω + 15μH
G=6dB
Bw < 30kHz
Vcc=2.5V
Tamb = 25
°C
20k
50
Frequency (Hz)
100
1000
10000
0.01
0.1
1
10
Po=0.1W
Po=0.18W
RL=8
Ω + 30μH or Filter
G=6dB
Bw < 30kHz
Vcc=2.5V
Tamb = 25
°C
20k
50
Frequency (Hz)
Figure 48.
Gain vs. frequency
Figure 49.
Gain vs. frequency
100
1000
10000
0
2
4
6
8
Vcc=5V, 3.6V, 2.5V
RL=4
Ω + 15μH
G=6dB
Vin=500mVpp
Cin=1
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
0
2
4
6
8
Vcc=5V, 3.6V, 2.5V
RL=4
Ω + 30μH
G=6dB
Vin=500mVpp
Cin=1
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
Figure 50.
Gain vs. frequency
Figure 51.
Gain vs. frequency
100
1000
10000
0
2
4
6
8
Vcc=5V, 3.6V, 2.5V
RL=4
Ω + Filter
G=6dB
Vin=500mVpp
Cin=1
μF
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
0
2
4
6
8
Vcc=5V, 3.6V, 2.5V
RL=8
Ω + 15μH
G=6dB
Vin=500mVpp
Cin=1
μF
Tamb = 25
°C
20k
20
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com