Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7461N Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7461N_03 Datasheet HTML 18Page - STMicroelectronics TDA7461N_03 Datasheet HTML 19Page - STMicroelectronics TDA7461N_03 Datasheet HTML 20Page - STMicroelectronics TDA7461N_03 Datasheet HTML 21Page - STMicroelectronics TDA7461N_03 Datasheet HTML 22Page - STMicroelectronics TDA7461N_03 Datasheet HTML 23Page - STMicroelectronics TDA7461N_03 Datasheet HTML 24Page - STMicroelectronics TDA7461N_03 Datasheet HTML 25Page - STMicroelectronics TDA7461N_03 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
I
2C BUS INTERFACE DESCRIPTION
Interface Protocol
The interface protocol comprises:
-a start condition (S)
-a chip address byte (the LSB bit determines read
/ write transmission)
-a subaddress byte
-a sequence of data (N-bytes + acknowledge)
-a stop condition (P)
D97AU627
S
1
0
0
0
1
1
0 R/W ACK
ACK
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
XI
SUBADDRESS
DATA 1 to DATA n
AZ T
A3 A2 A1 A0
DATA
S = Start
ACK = Acknowledge
AZ = AutoZero-Remain
T = Testing
I = Autoincrement
P = Stop
MAX CLOCK SPEED 500kbits/s
The transmitted data is automatically updated af-
ter each ACK.
Transmission can be repeated without new chip
address.
Auto increment
If bit I in the subaddress byte is set to "1", the
autoincrement of the subaddress is enabled.
TRANSMITTED DATA (send mode)
MSB
LSB
XX
XX
ST
SM
X
X
SM = Soft mute activated
ST = Stereo
X = Not Used
SUBADDRESS (receive mode)
MSB
LSB
FUNCTION
X
AZ
T
I
A3A2A1A0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Input selector
Loudness / Auto-Zero
Volume
Softmute / Beep
Bass / Treble Attenuator
Bass / Treble Configuration
Speaker attenuator LF
Speaker attenuator LR
Speaker attenuator RF
Speaker attenuator RR / Blanktime adjust
Stereodecoder
Noiseblanker
Fieldstrength Control
Configuration
Stereodecoder Adjustment
Testing
T = Testmode
I = Autoincrement
AZ = Auto Zero Remain
X = not used
TDA7461N
22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com