Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7461N Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7461N
Description  CAR RADIO SIGNAL PROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461N Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7461N_03 Datasheet HTML 24Page - STMicroelectronics TDA7461N_03 Datasheet HTML 25Page - STMicroelectronics TDA7461N_03 Datasheet HTML 26Page - STMicroelectronics TDA7461N_03 Datasheet HTML 27Page - STMicroelectronics TDA7461N_03 Datasheet HTML 28Page - STMicroelectronics TDA7461N_03 Datasheet HTML 29Page - STMicroelectronics TDA7461N_03 Datasheet HTML 30Page - STMicroelectronics TDA7461N_03 Datasheet HTML 31Page - STMicroelectronics TDA7461N_03 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Configuration
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Noise Rectifier Discharge Resistor
R = infinite
R = 56k
Ω
R = 33k
Ω
R =18k
Ω
0
0
1
1
0
1
0
1
Multipath Detector Bandpass Gain
6dB
16dB
12dB
18dB
0
1
Multipath Detector internal influence
ON
OFF
1
Must be "1"
0
0
1
1
0
1
0
1
Multipath Detector Reflection Gain
Gain = 7.6dB
Gain = 4.6dB
Gain = 0dB
OFF
Fieldstrength Control
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Noiseblanker Field strength Adj 2.3V
Noiseblanker Field strength Adj 1.8V
Noiseblanker Field strength Adj 1.3V
Noiseblanker Field strength Adj OFF
0
0
1
1
0
1
0
1
VSBL at 33% REF 5V
VSBL at 42% REF 5V
VSBL at 50% REF 5V
VSBL at 58% REF 5V
0
0
1
1
0
1
0
1
VHCH at 42% REF 5V
VHCH at 50% REF 5V
VHCH at 58% REF 5V
VHCH at 66% REF 5V
1
0
VHCL at 17% VHCH
VHCL at 33% VHCH
0
1
High cut OFF
High cut ON
TDA7461N
28/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com