Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7495SA Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7495SA Datasheet HTML 5Page - STMicroelectronics TDA7495SA Datasheet HTML 6Page - STMicroelectronics TDA7495SA Datasheet HTML 7Page - STMicroelectronics TDA7495SA Datasheet HTML 8Page - STMicroelectronics TDA7495SA Datasheet HTML 9Page - STMicroelectronics TDA7495SA Datasheet HTML 10Page - STMicroelectronics TDA7495SA Datasheet HTML 11Page - STMicroelectronics TDA7495SA Datasheet HTML 12Page - STMicroelectronics TDA7495SA Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TDA7495SA
Applications
9/15
3.5
Internal equivalent circuits
Figure 13.
Supply voltage vs frequency
Figure 14.
Gain vs volume control voltage (#3)
20
100
1K
f(Hz)
-100
-80
-60
-40
-20
SVR
(dB)
D97AU564
VRIP=1VRMS
MAX VOLUME
MAX ATTENUATION
0.0
1.0
2.0
3.0
4.0 Vpin#3(V)
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
Gain
(dB)
D97AU563
POUT=1W
Figure 15.
Power dissipation vs output power Figure 16.
Power dissipation vs output power
0.1
1
10 POUT(W)
0
2
4
6
8
PDISS
(W)
D97AU567
VS=14V
VS=18V
VS=24V
RL=2 x 8Ω
f=1KHz
10
VS=28V
0.1
1
10 POUT(W)
0
4
8
12
16
PDISS
(W)
D97AU568
VS=20V
VS=26V
RL=2 x 4Ω
f=1KHz
Figure 17.
Pin: SVR
Figure 18.
Pins: INL, INR
+
-
6K
6K
1K
1K
30K
30K
SVR
20K
20K
VS
VS
VS
OUT L
OUT R
100
µA
D97AU585A
500
µA
30K
VS
INn
SVR
D97AU589
6K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com