Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7495SA Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7495SA Datasheet HTML 1Page - STMicroelectronics TDA7495SA Datasheet HTML 2Page - STMicroelectronics TDA7495SA Datasheet HTML 3Page - STMicroelectronics TDA7495SA Datasheet HTML 4Page - STMicroelectronics TDA7495SA Datasheet HTML 5Page - STMicroelectronics TDA7495SA Datasheet HTML 6Page - STMicroelectronics TDA7495SA Datasheet HTML 7Page - STMicroelectronics TDA7495SA Datasheet HTML 8Page - STMicroelectronics TDA7495SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TDA7495SA
Applications
5/15
3
Applications
3.1
Circuit diagram and components
Figure 2.
Application circuit
The recommended values of the external components are those shown on the application
circuit of Figure 2. Table 6 below indicates how the performance changes when component
values different to the recommended are used.
Table 6.
Application suggestions
Symbol
Suggested
value
Purpose
Larger than
suggestion
Smaller than
suggestion
R1
300 k
Ω
Volume control circuit
Larger volume regulation
time
Smaller volume
regulation time
R2
10 k
Ω
Mute time constant
Larger mute on/off time
Smaller mute on/off time
P1
50 k
Ω
Volume control
C1
1000 µF
Supply voltage decoupling
Danger of oscillation
C2, C3
470 nF
Input AC coupling
Lower low-frequency
cutoff
Higher low-frequency
cutoff
C4
470 µF
Ripple rejection
Better SVR
Worse SVR
C5
100 nF
Volume control time
constant
Larger volume regulation
time
Smaller volume
regulation time
C6, C8
1000 µF
Output AC coupling
Lower low-frequency
cutoff
Higher low-frequency
cutoff
C7
1 µF
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C9
100 nF
Supply voltage decoupling
Danger of oscillation
VOLUME
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
C2 470nF
INR
30K
VOLUME
OP AMP
+
-
30K
C8 1000
µF
C6 1000
µF
C7
1
µF
R2 10K
5
C3 470nF
INL
8
S_GND
2
14
9
10
12
34
R1 300K
C5
100nF
VOLUME
OUTR
S1 STBY
S2 MUTE
OUTL
11
C4 470
µF
SVR
7
D96AU493D
VS
VAROUT_R
PW_GND
15
13
C9
0.1
µF
C1
1000
µF
+VS
PW_GND
VOL
P1
50K
LOG
+5V
TP1
PW_GND
PW_GND
S_GND
+5V
+5V
VAROUT_L
STBY
MUTE
Mode
LL
Play
LH
Mute
H
L
Standby
H
H
Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com