Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6675STR Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM6675STR
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675STR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM6675STR Datasheet HTML 4Page - STMicroelectronics PM6675STR Datasheet HTML 5Page - STMicroelectronics PM6675STR Datasheet HTML 6Page - STMicroelectronics PM6675STR Datasheet HTML 7Page - STMicroelectronics PM6675STR Datasheet HTML 8Page - STMicroelectronics PM6675STR Datasheet HTML 9Page - STMicroelectronics PM6675STR Datasheet HTML 10Page - STMicroelectronics PM6675STR Datasheet HTML 11Page - STMicroelectronics PM6675STR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Electrical data
PM6675S
8/53
3.2
Thermal data
3.3
Recommended operating conditions
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
42
°C/W
TSTG
Storage temperature range
- 50 to 150
°C
TA
Operating ambient temperature range
- 40 to 85
°C
TJ
Junction operating temperature range
- 40 to 125
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Values
Unit
Min
Typ
Max
VIN
Input voltage range
4.5
28
V
VAVCC
IC supply voltage
4.5
5.5
VVCC
IC supply voltage
4.5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com