Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRT512 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SRT512_08 Datasheet HTML 10Page - STMicroelectronics SRT512_08 Datasheet HTML 11Page - STMicroelectronics SRT512_08 Datasheet HTML 12Page - STMicroelectronics SRT512_08 Datasheet HTML 13Page - STMicroelectronics SRT512_08 Datasheet HTML 14Page - STMicroelectronics SRT512_08 Datasheet HTML 15Page - STMicroelectronics SRT512_08 Datasheet HTML 16Page - STMicroelectronics SRT512_08 Datasheet HTML 17Page - STMicroelectronics SRT512_08 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Memory mapping
SRT512
14/46
4
Memory mapping
The SRT512 is organized as 16 blocks of 32 bits as shown in Table 12. All blocks are
accessible by the Read_block command. Depending on the write access, they can be
updated by the Write_block command. A Write_block updates all the 32 bits of the block.
Figure 12.
SRT512 memory mapping
Block
Addr
MSB
32-bit block
LSB
b31
b16
b15
b14
b8 b7
b0
Description
0User area
lockable
EEPROM
1User area
2User area
3User area
4User area
5
32 bits binary counter
Count down
counter
6
32 bits binary counter
7User area
Lockable
EEPROM
8User area
9User area
10
User area
11
User area
12
User area
13
User area
14
User area
15
User area
255
OTP_Lock_Reg
1
ST Reserved
Fixed Chip_ID
(Option)
System OTP bits
UID0
64 bits UID area
ROM
UID1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com