Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRT512 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SRT512_08 Datasheet HTML 14Page - STMicroelectronics SRT512_08 Datasheet HTML 15Page - STMicroelectronics SRT512_08 Datasheet HTML 16Page - STMicroelectronics SRT512_08 Datasheet HTML 17Page - STMicroelectronics SRT512_08 Datasheet HTML 18Page - STMicroelectronics SRT512_08 Datasheet HTML 19Page - STMicroelectronics SRT512_08 Datasheet HTML 20Page - STMicroelectronics SRT512_08 Datasheet HTML 21Page - STMicroelectronics SRT512_08 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Memory mapping
SRT512
18/46
4.4
System area
This area is used to modify the settings of the SRT512. It contains 3 registers:
OTP_Lock_Reg, Fixed Chip_ID and ST Reserved. See Figure 17 for a map of this area.
A Write_block command in this area will not erase the previous contents. Selected bits can
thus be set from 1 to 0. All bits previously at 0 remain unchanged. Once all the 32 bits of a
block are at 0, the block is empty and cannot be updated any more.
Figure 17.
System area
4.4.1
OTP_Lock_Reg
The 16 bits, b31 to b16, of the System area (block address 255) are used as
OTP_Lock_Reg bits in the SRT512. They control the write access to the 16 blocks 0 to 15
as follows:
●
When b16 is at 0, block 0 is write-protected
●
When b17 is at 0, block 1 is write-protected
●
When b18 is at 0, block 2 is write-protected
●
When b19 is at 0, block 3 is write-protected
●
When b20 is at 0, block 4 is write-protected
●
When b21 is at 0, block 5 is write-protected
●
When b22 is at 0, block 6 is write-protected
●
When b23 is at 0, block 7 is write-protected
●
When b24 is at 0, block 8 is write-protected
●
When b25 is at 0, block 9 is write-protected
●
When b26 is at 0, block 10 is write-protected
●
When b27 is at 0, block 11 is write-protected
●
When b28 is at 0, block 12 is write-protected
●
When b29 is at 0, block 13 is write-protected
●
When b30 is at 0, block 14 is write-protected
●
When b31 is at 0, block 15 is write-protected.
The OTP_Lock_Reg bits cannot be erased. Once write-protected, the blocks behave like
ROM blocks and cannot be unprotected. After any modification of the OTP_Lock_Reg bits, it
is necessary to send a Select command with a valid Chip_ID to the SRT512 in order to load
the block write protection into the logic.
This bit is set by ST during production tests on customer request. It cannot be modified by
the user.
Block
address
255
MSB
32-bit block
LSB
Description
OTP
OTP_Lock_Reg
ST reserved
Fixed Chip_ID
(Option)
ai13505b
1
b31
b16 b15 b14
b8 b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com