Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR4 Datasheet(PDF) 42 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 42 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 38Page - Lattice Semiconductor OR4 Datasheet HTML 39Page - Lattice Semiconductor OR4 Datasheet HTML 40Page - Lattice Semiconductor OR4 Datasheet HTML 41Page - Lattice Semiconductor OR4 Datasheet HTML 42Page - Lattice Semiconductor OR4 Datasheet HTML 43Page - Lattice Semiconductor OR4 Datasheet HTML 44Page - Lattice Semiconductor OR4 Datasheet HTML 45Page - Lattice Semiconductor OR4 Datasheet HTML 46Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 152 page
background image
42
42
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Special Function Blocks (continued)
The external test (EXTEST) instruction allows the inter-
connections between ICs in a system to be tested for
opens and stuck-at faults. If an EXTEST instruction is
performed for the system shown in Figure 25, the con-
nections between U1 and U2 (shown by nets a, b,
and c) can be tested by driving a value onto the given
nets from one device and then determining whether
this same value is seen at the other device. This is
determined by shifting 3 bits of data for each pin (one
for the output value, one for captured input value, and
one for the 3-state value) through a boundary scan reg-
ister (BSR) until each one aligns to the appropriate pin.
Then, based upon the value of the 3-state data bit for
each pin, either the I/O pad is driven to the value given
in the output register of the BSR, or an input signal is
applied at the pin. In either case, the BSR input register
is updated with the input value from the I/O pad, which
allows it to be shifted out TDO. Typically, the user will
use the PRELOAD instruction to shift in the first test
stimulus for the EXTEST instruction. Note that Series 4
boundary scan includes the ability to perform a self-
monitor on each I/O pin by driving out a value from the
output register and checking for this value at the input
register of the same I/O pad.
The SAMPLE instruction is useful for system debug-
ging and fault diagnosis by allowing the data at the
FPGA’s I/Os to be observed during normal operation.
The data for all of the I/Os is captured simultaneously
into the BSR, allowing them to be shifted-out TDO to
the test host. Since each I/O buffer in the PIOs is bidi-
rectional, two pieces of data are captured for each I/O
pad: the value at the I/O pad and the value of the 3-
state control signal.
The PRELOAD instruction is used to allow the scan-
ning of the boundary-scan register without causing
interference to the normal operation of the on-chip sys-
tem logic. In turn it allows an initial data pattern to be
placed at the latched parallel outputs of BSR prior to
selection of another boundary scan test operation. For
example, prior to selection of the EXTEST instruction,
data can be loaded onto the latched parallel outputs
using PRELOAD. As soon as the EXTEST instruction
has been transferred to the parallel output of the
instruction register, the preloaded data is driven
through the system output pins. This ensures that
known data, consistent at the board level, is driven
immediately when the EXTEST instruction is entered.
Without PRELOAD, indeterminate data would be
driven until the first scan sequence had been com-
pleted.
There are six ORCA-defined instructions. The PLC
scan rings 1, 2, and 3 (PSR1, PSR2, PSR3) allow user-
defined internal scan paths using the PLC latches/FFs
and routing interface. The RAM_Write Enable
(RAM_W) instruction allows the user to serially config-
ure the FPGA through TDI. The RAM_Read Enable
(RAM_R) allows the user to read back RAM contents
on TDO after configuration. The IDCODE instruction
allows the user to capture a 32-bit identification code
that is unique to each device and serially output it at
TDO. The IDCODE format is shown in Table 19.
An optional IEEE 1149.3 instruction RUNBIST has
been implemented. This instruction is used to invoke
the built in self test (BIST) of regular structures like
RAMs, ROMs, FIFOs, etc., and the surrounding ran-
dom logic in the circuit.
The USERCODE instruction shifts out a 32-bit ID seri-
ally at TDO. At powerup, a default value of the IDCODE
with the manufacturer field (11-bits) set to all zeros is
loaded. The user can set this 11-bit value to a user-
defined number during device configuration. It may
also be changed by the ISC_PROGRAM_USERCODE
instruction, described later.
Also implemented in Series 4 devices is the IEEE
1532/D1 standards for in-system configuration for pro-
grammable logic devices. Included are 4 mandatory
and 2 optional instructions defined in the standards.
ISC_ENABLE, ISC_PROGRAM, ISC_NOOP, and
ISC_DISABLE are the four mandatory instructions.
ISC_ENABLE initializes the devices for all subsequent
ISC instructions. The ISC_PROGRAM instruction is
similar to the RAM_WRITE instruction implemented in
all ORCA devices where the user must monitor the
PINITN pin for a high indicating the end of initialization
and a successful configuration can be started. The
ISC_PROGRAM instruction is used to program the
configuration memory through a dedicated ISC_Pdata
register. The ISC_NOOP instruction is user when pro-
gramming multiple devices in parallel. During this mode
TDI and TDO behave like BYPASS. The data shifted
through TDI is shifted out through TDO. However the
output pins remain in control of the BSR unlike
BYPASS where they are driven by the system logic.
The ISC_DISABLE is used upon completion of the ISC
programming. No new ISC instructions will be operable
without another ISC_ENABLE instruction.
Optional 1532/D1 instructions include
ISC_PROGRAM_USERCODE. When this instruction is
loaded, the user shifts all 32-bits of a user-defined ID
(LSB first) through TDI. This overwrites any ID previ-
ously loaded into the ID register. This ID can then be
read back through the USERCODE instruction defined
in IEEE 1149.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com