Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR4 Datasheet(PDF) 48 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 48 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 44Page - Lattice Semiconductor OR4 Datasheet HTML 45Page - Lattice Semiconductor OR4 Datasheet HTML 46Page - Lattice Semiconductor OR4 Datasheet HTML 47Page - Lattice Semiconductor OR4 Datasheet HTML 48Page - Lattice Semiconductor OR4 Datasheet HTML 49Page - Lattice Semiconductor OR4 Datasheet HTML 50Page - Lattice Semiconductor OR4 Datasheet HTML 51Page - Lattice Semiconductor OR4 Datasheet HTML 52Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 152 page
background image
48
48
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Special Function Blocks (continued)
Readback can be initiated at an address other than
frame 0 via the new MPI control registers (see the MPI
section for more information). In all cases, readback is
performed at sequential addresses from the start
address.
It should be noted that the RD_DATA output pin is also
used as the dedicated boundary-scan output pin, TDO.
If this pin is being used as TDO, the RD_DATA output
from readback can be routed internally to any other pin
desired. The RD_CFG input pin is also used to control
the global 3-state (TS_ALL) function. Before and during
configuration, the TS_ALL signal is always driven by
the RD_CFG input and readback is disabled. After con-
figuration, the selection as to whether this input drives
the readback or global 3-state function is determined
by a set of bit stream options. If used as the RD_CFG
input for readback, the internal TS_ALL input can be
routed internally to be driven by any input pin.
The readback frame contains the configuration data
and the state of the internal logic. During readback, the
value of all registered PFU and PIO outputs can be
captured. The following options are allowed when
doing a capture of the PFU outputs.
■
Do not capture data (the data written to the RAMs,
usually 0, will be read back).
■
Capture data upon entering readback.
■
Capture data based upon a configurable signal inter-
nal to the FPGA. If this signal is tied to logic 0, cap-
ture RAMs are written continuously.
■
Capture data on either options two or three above.
The readback frame has an identical format to that of
the configuration data frame, which is discussed later
in the Configuration Data Format section. If LUT mem-
ory is not used as RAM and there is no data capture,
the readback data (not just the format) will be identical
to the configuration data for the same frame. This
eases a bitwise comparison between the configuration
and readback data. The configuration header, including
the length count field, is not part of the readback frame.
The readback frame contains bits in locations not used
in the configuration. These locations need to be
masked out when comparing the configuration and
readback frames. The development system optionally
provides a readback bit stream to compare to readback
data from the FPGA. Also note that if any of the LUTs
are used as RAM and new data is written to them,
these bits will not have the same values as the original
configuration data frame either.
Global 3-State Control (TS_ALL)
To increase the testability of the ORCA Series FPGAs,
the global 3-state function (TS_ALL) disables the
device. The TS_ALL signal is driven from either an
external pin or an internal signal. Before and during
configuration, the TS_ALL signal is driven by the input
pad RD_CFG. After configuration, the TS_ALL signal
can be disabled, driven from the RD_CFG input pad, or
driven by a general routing signal in the upper right cor-
ner. Before configuration, TS_ALL is active-low; after
configuration, the sense of TS_ALL can be inverted.
The following occur when TS_ALL is activated:
■
All of the user I/O output buffers are 3-stated, the
user I/O input buffers are pulled up (with the pull-
down disabled), and the input buffers are configured
with TTL input thresholds.
■
The TDO/RD_DATA output buffer is 3-stated.
■
The RD_CFG, RESET, and PRGM input buffers
remain active with a pull-up.
■
The DONE output buffer is 3-stated, and the input
buffer is pulled up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com