Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR4E02-2BA352I Datasheet(PDF) 17 Page - Lattice Semiconductor

Part # OR4E02-2BA352I
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4E02-2BA352I Datasheet(HTML) 17 Page - Lattice Semiconductor

Back Button OR4E02-2BA352I Datasheet HTML 13Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 14Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 15Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 16Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 17Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 18Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 19Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 20Page - Lattice Semiconductor OR4E02-2BA352I Datasheet HTML 21Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 152 page
background image
Lattice Semiconductor
17
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
In the third submode, multiplier submode, a single
PFU can affect an 8x1 bit (4x1 for half-ripple mode)
multiply and sum with a partial product (see Figure 11).
The multiplier bit is input at F5[A:C], respectively per
nibble, and the multiplicand bits are input at KZ[1],
where K7[1] is the most significant bit (MSB). KZ[0] con-
tains the partial product (or other input to be summed)
from a previous stage. If F5[A:C] is logical 1, the multi-
plicand is added to the partial product. If F5[A:C] is log-
ical 0, 0 is added to the partial product, which is the
same as passing the partial product. CIN/FCIN can
bring the carry-in from the less significant PFUs if the
multiplicand is wider than 8 bits, and COUT/FCOUT
holds any carry-out from the multiplication, which may
then be used as part of the product or routed to another
PFU in multiplier mode for multiplicand width expan-
sion.
Ripple mode’s fourth submode features equality
comparators.
The functions that are explicitly available
are A ≥ B, A
≠ B, and A ≤ B, where the value for A is
input on KZ[0], and the value for B is input on KZ[1]. A
value of 1 on the carry-out signals valid argument. For
example, a carry-out equal to 1 in AB submode indi-
cates that the value on KZ[0] is greater than or equal to
the value on KZ[1]. Conversely, the functions A ≤ B,
A + B, and A > B are available using the same func-
tions but with a 0 output expected. For example, A
> B
with a 0 output indicates A ≤ B. Table 4 shows each
function and the output expected.
If larger than 8 bits, the carry-out signal can be cas-
caded using fast-carry logic to the carry-in of any adja-
cent PFU. The use of this submode could be shown
using Figure 9, except that the CIN/FCIN input for the
least significant PFU is controlled via configuration.
Table 4. Ripple Mode Equality Comparator
Functions and Outputs
5-5757(F)
Key: C = configuration data.
Note: F5[A:C] shorted together
Figure 11. Multiplier Submode
Equality
Function
ispLEVER
Submode
True, if
Carry-Out Is:
A ≥ BA ≥ B1
A ≤ BA ≤ B1
A ≠ BA ≠ B1
A < B
A ≥ B0
A > B
A ≤ B0
A = B
A ≠ B0
K7[1]
K7[0]
+
D
Q
C
C
DQ
1
00
K7
F5[A:C]
K4[1]
K4[0]
+
D
Q
1
00
K4
K3[1]
K3[0]
+
D
Q
1
00
K3
K2[1]
K2[0]
+
D
Q
1
00
K2
K1[1]
K1[0]
+
D
Q
1
00
K1
K6[1]
K6[0]
+
D
Q
1
00
K6
K5[1]
K5[0]
+
D
Q
1
00
K5
K0[1]
K0[0]
+
D
Q
1
00
K0
Q0
F0
Q1
F1
Q2
F2
Q3
F3
Q4
F4
Q5
F5
Q6
F6
Q7
F7
COUT
REGCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com