Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA335BWQS Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA335BWQS
Description  2.1-channel high-efficiency digital audio system with QSound QHD
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA335BWQS Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA335BWQS Datasheet HTML 29Page - STMicroelectronics STA335BWQS Datasheet HTML 30Page - STMicroelectronics STA335BWQS Datasheet HTML 31Page - STMicroelectronics STA335BWQS Datasheet HTML 32Page - STMicroelectronics STA335BWQS Datasheet HTML 33Page - STMicroelectronics STA335BWQS Datasheet HTML 34Page - STMicroelectronics STA335BWQS Datasheet HTML 35Page - STMicroelectronics STA335BWQS Datasheet HTML 36Page - STMicroelectronics STA335BWQS Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
STA335BWQS
Register description
33/72
7.3
Configuration register C (addr 0x02)
7.3.1
DDX® power output mode
The DDX power output mode selects how the DDX output timing is configured.
Different power devices use different output modes.
7.3.2
DDX® compensating pulse size register
Table 6:
D7
D6
D5
D4
D3
D2
D1
D0
OCRB
Reserved
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
10
01
011
1
Table 23.
OM
Bit
R/W
RST
Name
Description
0RW
1
OM0
Selects configuration of DDX output.
1RW
1
OM1
Table 24.
Output modes
OM[1,0]
Output stage - mode
00
Drop compensation
01
Discrete output stage - tapered compensation
10
Full power mode
11
Variable drop compensation (CSZx bits)
Table 25.
CSZ
Bit
R/W
RST
Name
Description
2RW
1
CSZ0
When OM[1,0] = 11, this register determines the
size of the DDX compensating pulse from 0 clock
ticks to 15 clock periods.
3RW
0
CSZ1
4RW
1
CSZ2
5RW
0
CSZ3
Table 26.
Compensating pulse size
CSZ[3:0]
Compensating Pulse Size
0000
0 ns (0 ticks) compensating pulse size
0001
20 ns (1 tick) clock period compensating pulse size
……
1111
300 ns (15 ticks) clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com