Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA500 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA500
Description  30V 3.5A QUAD POWER HALF BRIDGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA500 Datasheet(HTML) 2 Page - STMicroelectronics

  STA500_06 Datasheet HTML 1Page - STMicroelectronics STA500_06 Datasheet HTML 2Page - STMicroelectronics STA500_06 Datasheet HTML 3Page - STMicroelectronics STA500_06 Datasheet HTML 4Page - STMicroelectronics STA500_06 Datasheet HTML 5Page - STMicroelectronics STA500_06 Datasheet HTML 6Page - STMicroelectronics STA500_06 Datasheet HTML 7Page - STMicroelectronics STA500_06 Datasheet HTML 8Page - STMicroelectronics STA500_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STA500
2/11
PIN FUNCTION
N°
Pin
Description
1
GND-SUB
Substrate ground
35 ; 36
Vcc Sign
Signal Positive supply
15
Vcc1A
Positive Supply
12
Vcc1B
Positive Supply
7
Vcc2A
Positive Supply
4
Vcc2B
Positive Supply
14
GND1A
Negative Supply
13
GND1B
Negative Supply
6
GND2A
Negative Supply
5
GND2B
Negative Supply
16 ; 17
OUT1A
Output half bridge 1A
10 ; 11
OUT1B
Output half bridge 1B
8 ; 9
OUT2A
Output half bridge 2A
2 ; 3
OUT2B
Output half bridge 2B
29
IN1A
Input of half bridge 1A
30
IN1B
Input of half bridge 1B
31
IN2A
Input of half bridge 2A
32
IN2B
Input of half bridge 2B
21 ; 22
Vdd
5V Regulator referred to ground
33 ; 34
Vss
5V Regulator referred to +Vcc
25
PWRDN
Stand-by pin (Control input)
26
TRI-STATE
Hi-Z pin (Control input)
27
FAULT
Fault pin advisor (Open Collector Output)
24
CONFIG
Configuration setting pin
28
TH-WAR
Thermal warning advisor (Open Collector Output)
19
GND-clean
Logical ground
23
IBIAS
High logical state setting voltage
18
NC
Not connected
20
GND-Reg
Ground for Vdd regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com