Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA500 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA500
Description  30V 3.5A QUAD POWER HALF BRIDGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA500 Datasheet(HTML) 5 Page - STMicroelectronics

  STA500_06 Datasheet HTML 1Page - STMicroelectronics STA500_06 Datasheet HTML 2Page - STMicroelectronics STA500_06 Datasheet HTML 3Page - STMicroelectronics STA500_06 Datasheet HTML 4Page - STMicroelectronics STA500_06 Datasheet HTML 5Page - STMicroelectronics STA500_06 Datasheet HTML 6Page - STMicroelectronics STA500_06 Datasheet HTML 7Page - STMicroelectronics STA500_06 Datasheet HTML 8Page - STMicroelectronics STA500_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
STA500
Notes: 1. The following table explains the VL, VH variation with Ibias
Note 2: If used in single BTL configuration, the device may be not short circuit protected
LOGIC TRUTH TABLE (see fig. 2)
IVCC-
PWRDN
Supply current from Vcc in Power
Down
PWRDN = 0
3
mA
IFAULT
Output Current pins
FAULT -TH-WARN when
FAULT CONDITIONS
Vpin = 3.3V
1
mA
IVCC-hiz
Supply current from Vcc in Tri-
state
Tri-state=0
22
mA
IVCC
Supply current from Vcc in
operation
(both channel switching)
Input pulse width = 50% Duty;
Switching Frequency = 384Khz;
No LC filters;
80
mA
IOUT-SH
Overcurrent Protection Threshold
(short circuit current limit) (note 2)
3.5
6
8
A
VOV
Overvoltage protection threshold
30
35
40
V
VUV
Undervoltage protection threshold
7
V
tpw_min
Output minimum pulse width
No Load
70
150
ns
Ibias
VLmax
VHmin
Unit
2.7
0.7
1.5
V
3.3
0.8
1.7
V
5
0.85
1.85
V
TRI-STATE
INxA
INxB
Q1
Q2
Q3
Q4
OUTPUT
MODE
0X
X
OFF
OFF
OFF
OFF
Hi-Z
1
0
0
OFF
OFF
ON
ON
DUMP
101
OFF
ON
ON
OFF
NEGATIVE
1
1
0
ON
OFF
OFF
ON
POSITIVE
1
1
1
ON
ON
OFF
OFF
Not used
ELECTRICAL CHARACTERISTCS (continued)
(Ibias = 3.3V; Vcc = 28V; Tamb = 25°C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com