Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6701BA2PL Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC6701BA2PL
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701BA2PL Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6701BA2PL Datasheet HTML 20Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 21Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 22Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 23Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 24Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 25Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 26Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 27Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24/32
XC6701 Series
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Ripple Rejection Rate (Continued)
XC6701B/D J02
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency: f (kHz)
VIN=VCE=14.0Vdc+0.5Vp-p, IOUT=1mA
C
L=1μF(ceramic),Ta=25℃
XC6701B/D J02
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency: f (kHz)
VIN=VCE=14.0Vdc+0.5Vp-p, IOUT=30mA
C
L=1μF(ceramic),Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com