Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6701BA2PL Datasheet(PDF) 25 Page - Torex Semiconductor

Part # XC6701BA2PL
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701BA2PL Datasheet(HTML) 25 Page - Torex Semiconductor

Back Button XC6701BA2PL Datasheet HTML 21Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 22Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 23Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 24Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 25Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 26Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 27Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 28Page - Torex Semiconductor XC6701BA2PL Datasheet HTML 29Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25/32
XC6701
Series
●SOT-25
●SOT-89-5
●USP-6C
Φ1.0
1.6 +0.15
-0.2
4.5±0.1
0.42±0.06
0.42±0.06
0.47±0.06
8
°
8
°
1.5±0.1
1.5±0.1
0.4
+0 .0 3
-0 .0 2
0.4
+0 .0 3
-0 .0 2
12
3
4
5
0.42±0.06
0.42±0.06
0.42±0.06
2
13
2.9±0 .2
0.4
+0.1
-0.05
1.9±0.2
0.15
+0.1
-0.05
0.05±0 .0 5
2
5
4
(0 .95)
●SOT-89
■PACKAGING INFORMATION
Note: The side of pins are not gilded, but nickel is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com