Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1B6 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7F10BF1B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1B6 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7F10BF1B6 Datasheet HTML 53Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 54Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 55Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 56Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 57Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 58Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 59Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 60Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 159 page
background image
ST7LITE1xB
57/159
11.2 DUAL 12-BIT AUTORELOAD TIMER 4 (AT4)
11.2.1 Introduction
The 12-bit Autoreload Timer can be used for gen-
eral-purpose timing functions. It is based on one or
two free-running 12-bit upcounters with an input
capture register and four PWM output channels.
There are 7 external pins:
– Four PWM outputs
– ATIC/LTIC pins for the Input Capture function
– BREAK pin for forcing a break condition on the
PWM outputs
11.2.2 Main Features
■ Single Timer or Dual Timer mode with two 12-bit
upcounters (CNTR1/CNTR2) and two 12-bit
autoreload registers (ATR1/ATR2)
■ Maskable overflow interrupts
■ PWM mode
– Generation of four independent PWMx signals
– Dead time generation for Half bridge driving
mode with programmable dead time
– Frequency 2 kHz - 4 MHz (@ 8 MHz fCPU)
– Programmable duty-cycles
– Polarity control
– Programmable output modes
■ Output Compare Mode
■ Input Capture Mode
– 12-bit input capture register (ATICR)
– Triggered by rising and falling edges
– Maskable IC interrupt
– Long range input capture
■ Internal/External Break control
■ Flexible Clock control
■ One Pulse mode on PWM2/3
■ Force Update
Figure 35. Single Timer Mode (ENCNTR2=0)
PWM0
PWM1
PWM2
PWM3
Dead Time
Generator
PWM3 Duty Cycle Generator
12-bit Input Capture
PWM2 Duty Cycle Generator
PWM1 Duty Cycle Generator
PWM0 Duty Cycle Generator
12-Bit Autoreload Register 1
12-Bit Upcounter 1
Output Compare
CMP
Interrupt
OVF1 interrupt
Edge Detection Circuit
OE0
OE1
OE2
OE3
DTE bit
BPEN bit
ATIC
Clock
Control
fCPU
32MHz
Lite Timer
1 ms from
OFF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com