Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1B6 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7F10BF1B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1B6 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7F10BF1B6 Datasheet HTML 64Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 65Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 66Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 67Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 68Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 69Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 70Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 71Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 159 page
background image
ST7LITE1xB
68/159
DUAL 12-BIT AUTORELOAD TIMER 4 (Cont’d)
8. Set the OP_EN bit in the PWM3CSR register to
enable one-pulse mode.
9. Enable the PWM3 output by setting the OE3 bit
in the PWMCR register.
The "Wait for Overflow event" in step 6 can be re-
placed by forced update (writing the FORCE2 bit).
Follow the same procedure for PWM2 with the bits
corresponding to PWM2.
Note: When break is applied in one-pulse mode,
the CNTR2, DCR2/3 & ATR2 registers are reset.
Consequently, these registers have to be initial-
ized again when break is removed.
Figure 47. Block Diagram of One Pulse Mode
Figure 48. One Pulse Mode and PWM Timing Diagram
LTIC pin
Edge
Selection
OPEDGE
PWM3CSR Register
OP_EN
12-bit AutoReload Register 2
12-bit Upcounter 2
12-bit Active DCR2/3
Generation
PWM
OP2/3
PWM2/3
OVF
ATR2
CNTR2
LTIC
PWM2/3
000
DCR2/3
000
DCR2/3
ATR2
000
OVF
ATR2
DCR2/3
OVF
ATR2
DCR2/3
CNTR2
LTIC
PWM2/3
fcounter2
fcounter2
Note 1: When OP_EN=0, LTIC edges are not taken into account as the timer runs in PWM mode.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com