Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1B6 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST7F10BF1B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1B6 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST7F10BF1B6 Datasheet HTML 109Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 110Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 111Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 112Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 113Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 114Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 115Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 116Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 159 page
background image
ST7LITE1xB
113/159
13.3.3 Operating Conditions with Low Voltage Detector (LVD)
13.3.3.1 Operating Conditions with LVD at TA = -40 to 125°C, unless otherwise specified
Notes:
1. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset. Not tested in production.
2. Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur in the application, it is rec-
ommended to pull VDD down to 0V to ensure optimum restart conditions. Refer to circuit example in Figure 106 on
page 136 and note 4.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
3.80
3.20
2.65
4.20
3.55
2.85
4.60
3.90
3.10
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.70
3.10
2.50
4.00
3.35
2.70
4.35
3.70
2.90
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
1)2)
100
ms/V
tg(VDD)
Filtered glitch delay on VDD
1)
Not detected by the LVD
150
ns
IDD(LVD)
LVD/AVD current consumption
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com