Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1B6 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST7F10BF1B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1B6 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST7F10BF1B6 Datasheet HTML 129Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 130Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 131Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 132Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 133Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 134Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 135Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 136Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 159 page
background image
ST7LITE1xB
133/159
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 93. Typical VDD-VOH at VDD=2.7V
Figure 94. Typical VDD-VOH at VDD=3.3V
Figure 95. Typical VDD-VOH at VDD=5V
Figure 96. Typical VDD-VOH at VDD=2.7V (HS)
Figure 97. Typical VDD-VOH at VDD=3.3V (HS)
Figure 98. Typical VDD-VOH at VDD=5V (HS)
0
0.2
0.4
0.6
0.8
1
1.2
00.5
11.5
22.5
3
3.5
Iol (mA)
140°C
90°C
25°C
-5°C
-45°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1
1.5
2
2.5
3
3.5
Iol (mA)
140°C
90°C
25°C
-5°C
-45°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
01
23
4
5
6
7
8
Iol (mA)
140°C
90°C
25°C
-5°C
-45°C
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
2
2.5
3
3.5
Iol (mA)
140°C
90°C
25°C
-5°C
-45°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1
1.5
2
2.5
3
3.5
Iol (mA)
140°C
90°C
25°C
-5°C
-45°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
01
234
56
78
Iol (mA)
140°C
90°C
25°C
-5°C
-45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com