Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1B6 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7F10BF1B6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1B6 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7F10BF1B6 Datasheet HTML 148Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 149Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 150Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 151Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 152Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 153Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 154Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 155Page - STMicroelectronics ST7F10BF1B6 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 159 page
background image
ST7LITE1xB
152/159
ST7LITE1xB FASTROM microcontroller option list
Customer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/FASTROM Code*: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
*FASTROM code name is assigned by STMicroelectronics.
FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Warning: Addresses DEE0h, DEE1h, DEE2h and DEE3h are reserved areas for ST to program RCCR0
and RCCR1 (see section 7.1 on page 23).
Conditioning (check only one option, do not specify for DIP package) :
Special marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ "
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Maximum character count: 8 char. max _ _ _ _ _ _ _ _
Temperature range:
[ ] -40°C to +85°C
[ ] -40°C to +125°C
Watchdog selection (WDG_SW):
[ ] Software activation
[ ] Hardware activation
Watchdog reset on Halt (WDG_HALT): [ ] Reset
[ ] No Reset
LVD reset (LVD):
[ ] Disabled
[ ] Enabled
[ ] Highest threshold
[ ] Medium threshold
[ ] Lowest threshold
Sector 0 size (SEC):
[ ] 0.5K
[ ] 1K
[ ] 2K
[ ] 4K
Readout protection (FMP_R):
[ ] Disabled
[ ] Enabled
Flash write protection (FMP_W):
[ ] Disabled
[ ] Enabled
RC oscillator (OSC) :
[ ] Disabled
[ ] Enabled
Clock source selection (CKSEL):
(if OSC disabled)
[ ] External crystal / ceramic resonator:
[ ] External Clock on PB4
[ ] External Clock on PC0
PLL (PLLOFF):
[ ] Disabled
[ ] Enabled
PLL factor (PLLx4x8):
[ ] PLLx4
[ ] PLLx8
PLL32 (PLL32OFF):
[ ] Disabled
[ ] Enabled
Comments :
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply operating range in the application : . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date :
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature :
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Important note : Not all configurations are available. See Table 27 on page 150 for authorized option byte
combinations.
---------------------------------
FASTROM DEVICE:
---------------------------------
|
|
-----------------------------------------
2K
-----------------------------------------
|
|
-----------------------------------------
4K
-----------------------------------------
|
|
VFQFPN20:
|
[ ] ST7PLIT19BF0Ux
|
[ ] ST7PLIT19BF1Ux
|
SO20:
|
[ ] ST7PLIT19BF0Mx
|
[ ] ST7PLIT19BF1Mx
|
PDIP20:
|
[ ] ST7PLIT19BF0Bx
|
[ ] ST7PLIT19BF1Bx
|
SO16:
|
[ ] ST7PLIT19BY0Mx
|
[ ] ST7PLIT19BY1Mx
|
PDIP16:
|
[ ] ST7PLIT19BY0Bx
|
[ ] ST7PLIT19BY1Bx
|
VFQFPN
[ ] Tape & Reel
[ ] Tray
SO
[ ] Tape & Reel
[ ] Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com