Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST108AB1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # QST108AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AB1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button QST108AB1 Datasheet HTML 16Page - STMicroelectronics QST108AB1 Datasheet HTML 17Page - STMicroelectronics QST108AB1 Datasheet HTML 18Page - STMicroelectronics QST108AB1 Datasheet HTML 19Page - STMicroelectronics QST108AB1 Datasheet HTML 20Page - STMicroelectronics QST108AB1 Datasheet HTML 21Page - STMicroelectronics QST108AB1 Datasheet HTML 22Page - STMicroelectronics QST108AB1 Datasheet HTML 23Page - STMicroelectronics QST108AB1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Device operating modes
QST108
20/51
4.6.2
General-purpose outputs
I2C mode allows to drive up to 5 general-purpose outputs. These output pins are configured
in output push pull mode 0 by default. Their state can be changed using the
SET_GPIO_STATE I2C command.
Figure 7.
Optional LED schematic
4.6.3
IRQ pin
The IRQ pin is an open drain output with an internal pull-up. It can be used to inform the
Master device about any change in the key status. The IRQ line is pulled low every time the
state of any of the enabled keys changes. This includes any change in the touch state of the
key, a faulty key or a new calibration of one or more keys. The reported changes may then
be accessed by the Master device by using the GET_KEY_STATE command.
To improve communication response time, this signal suspends Low Power mode until the
Master device has issued a communication with the QST device.
4.6.4
Communication packet
The communication between the Master device and the QST108 (Slave) consists of two
standard I2C frames.
The first frame is sent by the Master device using the QST108 device address with the write
bit set. The data bytes consist of the command byte which is eventually followed by the
parameters and a checksum byte.
The second one is sent by the Master device using the QST108 device address with the
write bit reset. The QST108 completes the frame with data according to the command
previously sent by the Master device. The device finishes the frame by sending a checksum
byte for communication integrity verification.
If the read frame is omitted, the command may not be taken into account.
To initiate the communicate with the QST108, the Master device must send the
GET_DEVICE_INFO command in order to unlock access to all the other commands.
Ai12570
GPOn
VUNREG
R
C (10 nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com