Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST108AB1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # QST108AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST108AB1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button QST108AB1 Datasheet HTML 24Page - STMicroelectronics QST108AB1 Datasheet HTML 25Page - STMicroelectronics QST108AB1 Datasheet HTML 26Page - STMicroelectronics QST108AB1 Datasheet HTML 27Page - STMicroelectronics QST108AB1 Datasheet HTML 28Page - STMicroelectronics QST108AB1 Datasheet HTML 29Page - STMicroelectronics QST108AB1 Datasheet HTML 30Page - STMicroelectronics QST108AB1 Datasheet HTML 31Page - STMicroelectronics QST108AB1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Design guidelines
QST108
28/51
5.3
Power supply
If the power supply fluctuates slowly with temperature, the QST device compensates
automatically for these changes with only minor changes in sensitivity. However, if the
supply voltage drifts or shifts quickly, the drift compensation mechanism is not able to keep
up, causing sensitivity anomalies or false detections.
The power supply should be locally regulated, using a three-terminal regulator. If the supply
is shared with another electronic system, care should be taken to ensure that the supply is
free of digital spikes, sags and surges which can cause adverse effects. It is not
recommended to include a series inductor in the power supply to the QST device.
For proper operation, a 0.1 µF or greater bypass capacitor must be used between VDD and
VSS. The bypass capacitor should be routed with very short tracks to the device’s VDD and
VSS pins.
The PCB should, if possible, include a copper pour under and around the device, but not
extensively under the SNS lines.
5.4
ESD protection
In normal environmental conditions, only one series resistor is required for ESD
suppression. A 10 kOhm RS resistor in series with the sense trace is sufficient in most
cases. The dielectric panel (glass or plastic) usually provides a high degree of isolation to
prevent ESD discharge from reaching the circuit. RS should be placed close to the chip. If
the CX load is high, RS can prevent total charge and transfer and as a result gain can
deteriorate. If a reduction in RS increases gain noticeably, the lower value should be used.
Conversely, increasing the RS can result in added ESD and EMC benefits, provided that the
increase does not decrease sensitivity.
5.5
Crosstalk precautions
Adjacent sense traces might require intervening ground traces in order to reduce capacitive
cross bleed if high sensitivity is required or high values of delta-CX are anticipated (for
example, from direct human touch to an electrode connection). In normal touch applications
behind plastic panels, this is rarely a problem regardless of how the electrodes are wired.
Higher values of RS will make crosstalk problems worse; try to keep RS to 22 kOhm or less
if possible. In general try to keep the QST device close to the electrodes and reduce the
adjacency of the sense wiring to ground planes and other signal traces; this will reduce the
Cx load, reduce interference effects, and increase signal gain. The one and only valid
reason to run ground near SNS traces is to provide crosstalk isolation between traces, and
then only on an as-needed basis.
5.6
PCB layout and construction
The PCB traces, wiring, and any components associated with or in contact with either SNS
pin will become touch sensitive and should be treated with caution to limit the touch area to
the desired location.
Multiple touch electrodes connected to any sensing channel can be used, for example, to
create control surfaces on both sides of an object.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com