Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE2002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 1 Page - STMicroelectronics

  STE2002_06 Datasheet HTML 1Page - STMicroelectronics STE2002_06 Datasheet HTML 2Page - STMicroelectronics STE2002_06 Datasheet HTML 3Page - STMicroelectronics STE2002_06 Datasheet HTML 4Page - STMicroelectronics STE2002_06 Datasheet HTML 5Page - STMicroelectronics STE2002_06 Datasheet HTML 6Page - STMicroelectronics STE2002_06 Datasheet HTML 7Page - STMicroelectronics STE2002_06 Datasheet HTML 8Page - STMicroelectronics STE2002_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
December 2006
Rev 3
1/61
61
STE2002
81 x 128 single-chip LCD controller/driver
Features
104 x 128 bits Display Data RAM
Programmable MUX rate
Programmable frame rate
X,Y Programmable carriage return
Dual partial display mode
Row by Row Scrolling
Automatic data RAM Blanking procedure
Selectable Input interface:
–I2C Bus Fast and Hs-mode (read and write)
– Parallel Interface (read and write)
– Serial Interface (read and write)
Fully Integrated oscillator requires no external
components
CMOS compatible inputs
Fully integrated configurable LCD bias voltage
generator with:
–Selectable multiplication factor (up to 6X)
– Effective sensing for High Precision Output
– Eight selectable temperature compensation
coefficients
Designed for chip-on-glass (COG) applications
Low power consumption, suitable for battery
operated systems
Logic supply voltage range from 1.7 to 3.6V
High voltage generator supply voltage range
from 1.75 to 4.2V
Display supply voltage range from 4.5 Vto
14.5V
Backward compatibility with STE2001
Description
The STE2002 is a low power CMOS LCD
controller driver. Designed to drive a 81 rows by
128 columns graphic display, provides all
necessary functions in a single chip, including on-
chip LCD supply and bias voltages generators,
resulting in a minimum of externals components
and in a very low power consumption. The
STE2002 features three standard interfaces
(Serial, Parallel & I2C) for ease of interfacing with
the host microcontroller.
Block diagram
COLUMN
DRIVERS
ROW
DRIVERS
DATA
LATCHES
104 x 128
RAM
DISPLAY
CONTROL
LOGIC
SCROLL
LOGIC
DATA
REGISTER
I2CBUS
INSTRUCTION
REGISTER
OSC
CO to C127
R0 to R80
OSC_IN
VLCDIN
VLCDSENSE
RES
VDD1,2
CLOCK
TIMING
GENERATOR
BIAS VOLTAGE
GENERATOR
HIGH VOLTAGE
GENERATOR
RESET
TEST
SHIFT
REGISTER
VLCDOUT
VSS
SEL1,2
SAO
TEST_1_14
SDA_IN
SDA_OUT
SCL
PARALLEL
SERIAL
SCE
SDIN
SCLK
SD/C
BSY_FLG
SA1
EXT
SOUT
ICON_MODE
VSSAUX
ICON
OSC_OUT
DB0 to DB7 E
PD/C
R/W
www.st.com


Similar Part No. - STE2002_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2002DIE1 STMICROELECTRONICS-STE2002DIE1 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
STE2002DIE2 STMICROELECTRONICS-STE2002DIE2 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
More results

Similar Description - STE2002_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
logo
Samsung semiconductor
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
STMicroelectronics
STE2007 STMICROELECTRONICS-STE2007 Datasheet
708Kb / 62P
96 x 68 Single Chip LCD Controller/Driver
09-Nov-2005
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Oct-2001
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
STE2007 STMICROELECTRONICS-STE2007_06 Datasheet
718Kb / 62P
96 x 68 Single-chip LCD controller/driver
12-Dec-2006
logo
Sitronix Technology Co....
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com