Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE2002 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STE2002
Description  81 x 128 single-chip LCD controller/driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STE2002_06 Datasheet HTML 7Page - STMicroelectronics STE2002_06 Datasheet HTML 8Page - STMicroelectronics STE2002_06 Datasheet HTML 9Page - STMicroelectronics STE2002_06 Datasheet HTML 10Page - STMicroelectronics STE2002_06 Datasheet HTML 11Page - STMicroelectronics STE2002_06 Datasheet HTML 12Page - STMicroelectronics STE2002_06 Datasheet HTML 13Page - STMicroelectronics STE2002_06 Datasheet HTML 14Page - STMicroelectronics STE2002_06 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
STE2002
Circuit description
11/61
2.6
Temperature coefficient
As the viscosity, and therefore the contrast, of the LCD are subject to change with
temperature, there's the need to vary the LCD Voltage with temperature. The STE2002
provides the possibility to change the VLCD in a linear fashion against temperature with
eight different Temperature Coefficient selectable through the T2, T1 and T0 bits. Only four
of them are available with basic instruction set (TC1 & TC0 Bits).
Figure 4.
LCD voltage
Finally, the VLCD voltage at a given (T) temperature can be calculated as:
VLCD(T) = VLCDo · [1 + (T-To) · TC]
Table 5.
Temperature coefficients
Name
TC1
TC0
Value
Unit
TC0
0
0
-0.0· 10-3
1/ °C
TC2
0
1
-0.7 · 10-3
1/°C
TC3
1
0
-1.05· 10-3
1/°C
TC6
1
1
-2.1 · 10-3
1/°C
Table 6.
Temperature coefficients
Name
TC2
TC1
TC0
Value
Unit
TC0
0
0
0
-0.0· 10-3
1/ °C
TC1
0
0
1
-0.35 · 10-3
1/°C
TC2
0
1
0
-0.7 · 10-3
1/°C
TC3
0
1
1
-1.05· 10-3
1/°C
TC4
1
0
0
-1.4 · 10-3
1/°C
TC5
1
0
1
-1.75· 10-3
1/°C
TC6
1
1
0
-2.1 · 10-3
1/°C
TC7
1
1
1
-2.3· 10-3
1/°C
00h 01h 02h 03h 04h 05h ….
7Fh 00h 01h 02h
7Ch 7Dh 7Eh
03h 04h
7Dh 7Eh 7Fh
05h ….
7Ch
A1
A0
B
A0 + B
PRS = [0;0]
PRS = [0;1]
VO
VLCD
00h 01h 02h 03h 04h
7Dh 7Eh 7Fh
05h
7Ch
PRS = [1;0]
….
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com