| Electronic Components Datasheet Search |
|
STE2007 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 62 page ![]() Interface STE2007 20/62 4.2 4-Line SPI STE2007 4-lines serial interface is a bidirectional link between the display driver and the host processor. It consists of four lines: –SDA Serial Data – SCL Serial Clock – !CS Peripheral enable: - Active Low- Enables and Disables the serial interface – Mode selection (D/!C). The serial interface is active only if the !CS line is low. If !CS is low after the positive edge of !RES, the serial interface is ready to receive data after the internal reset time. 4.2.1 MCU TxData mode (write mode) STE2007 is always a slave device on the communication bus and receive the communication clock on the SCL pin from the master. Information are exchanged byte-wide. During data transfer, the data line is sampled by the receiver unit on the SCL rising edge. D/!C line status set whether the byte is a command (D/!C =0) or a data (D/!C =1); D/!C line is read on the eighth SCL clock pulse during every byte transfer. If !CS stays low after the last bit of a command/data byte, the serial interface expects the MSB of the next data byte on the next SCL positive edge. If !CS line is forced high in the middle of a data transfer, not complete Data bytes and Commands bytes are discarded. A reset pulse on !RES pin interrupts any transmission. Figure 10. 4-lines SPI commands transfe Figure 11. 4-lines SPI Video data write cycle D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 LR0189 Hi-Z D6 D5 D4 D3 D2 D1 D0 D7 D6 COMMAND COMMAND COMMAND COMMAND D0 D7 D6 D5 D4 D3 D2 D1 D0 D/!C !CS SDA (input) SCL SDA (output) D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 LR0190 Hi-Z D6 D5 D4 D3 D2 D1 D0 D7 D6 COMMAND DATA to VIDEO RAM D0 D7 D6 D5 D4 D3 D2 D1 D0 D/!C !CS SDA (input) SCL SDA (output) DATA to VIDEO RAM DATA to VIDEO RAM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |