Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI7105 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI7105
Description  Low cost advanced HD decoding IC for STB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7105 Datasheet(HTML) 3 Page - STMicroelectronics

  STI7105 Datasheet HTML 1Page - STMicroelectronics STI7105 Datasheet HTML 2Page - STMicroelectronics STI7105 Datasheet HTML 3Page - STMicroelectronics STI7105 Datasheet HTML 4Page - STMicroelectronics STI7105 Datasheet HTML 5Page - STMicroelectronics STI7105 Datasheet HTML 6Page - STMicroelectronics STI7105 Datasheet HTML 7Page - STMicroelectronics STI7105 Datasheet HTML 8Page - STMicroelectronics STI7105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STi7105
Main features
3/11
2
Main features
The STi7105 is a new, advanced decoding SoC targeted at next generation HD STBs
(cable, terrestrial, satellite, DSL, IP, and Hybrid), and has the following features:
●
Integrates in a single IC, Multi-stream transport demux, CPU, A/V decode, Video
processing, Graphics and Display, Advanced security, STB peripherals, Audio/Video
DACs, Digital A/V outputs, HDMI, e-SATA port, dual USB ports and Ethernet
MAC/MII/RMII
●
High performance CPUs for applications (ST40) and audio/video decoding (2 x ST231)
–
ST40-300, dual-issue, applications CPU, 32KI, 32KD caches:
Target speed > 450 MHz delivering > 800DMIPs
●
Single 32-bit DDR1/DDR2 Local Memory Interface (LMI), up to 400 MHz
●
Latest generation “Delta” Video Decoder with ST231 programmable CPU core:
–
MPEG2, H264, VC-1/WM9, HD or SD Advanced Video Decoding
–
AVS SD decoding
–
Provides flexibility to support other codecs (DivX, XviD, H263 encode/decode)
–
HD and SD decoding or dual SD Decoding, PIP & Mosaic capable
–
Real-time transcoding of MPEG2 SD to H264 SIF
●
Advanced de-blocking and de-ringing of decoded MPEG2 SD sources based on ST’s
DSE (Digital Source Enhancer) Technology with 2D analysis window and Texture
Adaptive Filter
●
ST231 CPU based Audio Decoder. MPEG1 I/II, MP3, Dolby Digital/DD+, MPEG4
AAC/AAC+ multi-channel audio decoding. Concurrent audio description decoding.
DD+ and AAC+ transcoding
●
Main and Aux Video display pipelines:
–
Main: high quality H & V reformatting/resizing with sample rate
conversion/filtering. Motion adaptive spatial and temporal de-interlacing for
480p/576p and 1080p60 progressive output
–
Aux: high quality H & V reformatting/resizing with sample rate conversion/filtering
●
Three independent graphics planes with H&V resize, CLUT and anti-flicker filtering
●
Link list based 2D graphics blitter. Up to 200 Mpixels/sec with destination alpha
blending. Capable of 3D user interface effects.
●
Independent Main and Aux display compositions (Video/Graphics mixing)
●
Pass-through display for graphics, main video or aux video output concurrently with
main and aux compositions
●
HD display capture and down-conversion for concurrent HD and SD output of the main
composition
●
HDMI interface with HDCP copy protection (HD/ED/SD formats up to 1080p60). HDMI
interface is in full compliance with all features of v1.3a, excluding deep color, enhanced
colorimetry (xvYCC, gamut metadata), and DST/DSD audio features.
●
16-bit Digital Video Output for main display composition (HD/ED/SD formats up to
1080p60)
●
Second 24-bit Digital Video Output for pass through display or main/aux display
compositions (HD/ED/SD formats up to 1080p60)
●
Macrovision and Dwight Cavendish copy protection support



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com