Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI7105 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI7105
Description  Low cost advanced HD decoding IC for STB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7105 Datasheet(HTML) 4 Page - STMicroelectronics

  STI7105 Datasheet HTML 1Page - STMicroelectronics STI7105 Datasheet HTML 2Page - STMicroelectronics STI7105 Datasheet HTML 3Page - STMicroelectronics STI7105 Datasheet HTML 4Page - STMicroelectronics STI7105 Datasheet HTML 5Page - STMicroelectronics STI7105 Datasheet HTML 6Page - STMicroelectronics STI7105 Datasheet HTML 7Page - STMicroelectronics STI7105 Datasheet HTML 8Page - STMicroelectronics STI7105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Main features
STi7105
4/11
●
PAL/NTSC/SECAM Digital encoder
●
Six 10-bit DACs for component/composite analog video output (HD/ED/SD formats up
to 1080i)
●
SD/HD Digital Video Input port, 8- or 16-bit YCbCr
●
Integrated Stereo Audio DAC
●
Six-channel Audio PCM Output Interface
●
Stereo Audio PCM Input Interface
●
Independent SPDIF output
●
Quadruple external TS inputs, triple internal TS from memory
●
Dual DVB-CI+ (HD/SD profiles) modules supported
●
Multi-stream transport stream de-multiplexing, 333 Mbits/sec, Quadruple tuner DVR
capable
●
DVB/DES/AES/Multi-2/ICAM descrambling
●
CSS (DVD-video), CPRM (DVD-RW), and CPPM (DVD-audio) decryption is provided
for the DVD stream.
●
Dual USB 2.0 host interfaces both with PHY
●
Integrated 10/100 Ethernet MAC/MII/RMII, Wake on LAN, 75 MHz (300 Mbits/sec)
capable
●
16-bit External Memory and Peripheral Interface (EMI) - up to five banks
●
Interfacing to, and boot from, NOR or NAND FLASH
●
Interfacing to, and boot from, serial FLASH
●
32-bit, 66 MHz, PCI Interface, shared on EMI with access interleaving possible
●
MPX Interface/protocol for high speed, glue-less, communications with STv0498
DOCSIS Cable FE
●
DVR supported, with HDD attachment through e-SATA, EIDE (PIO mode) or USB
●
Soft Modem support: integrated MAFE: integrated system side DAA (Si-Labs)
●
Dual Multi-channel Flexible DMA Controllers
●
STB Peripherals
–
Two Smart Card interfaces, four UARTs, four SSC/I2C, GPIO banks with alternate
functions, IR Tx/Rx, UHF Rx/SCD, PWM, ILC, HDMI CEC, 4 x 4 key matrix
scanner
●
Advanced security - Secure control words, Code authentication, JTAG locking,
Network/DVR copy protection, SVP, VGS, DTCP-IP, MS-DRM, MSTV
●
Package - FPGBA 27 x 27mm, 620 balls, 7R32x32, Pitch 0.8 mm, Ball 0.5 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com