Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5094AD/LF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW5094AD/LF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094AD/LF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW5094AD/LF Datasheet HTML 3Page - STMicroelectronics STW5094AD/LF Datasheet HTML 4Page - STMicroelectronics STW5094AD/LF Datasheet HTML 5Page - STMicroelectronics STW5094AD/LF Datasheet HTML 6Page - STMicroelectronics STW5094AD/LF Datasheet HTML 7Page - STMicroelectronics STW5094AD/LF Datasheet HTML 8Page - STMicroelectronics STW5094AD/LF Datasheet HTML 9Page - STMicroelectronics STW5094AD/LF Datasheet HTML 10Page - STMicroelectronics STW5094AD/LF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
STw5094A
6/51
SIGNAL DESCRIPTION
Type definitions:
AI - Analog input, AO - Analog Output, DI - Digital Input, DO - Digital output, DOT - Digital Output Tristate,
DIOD - Digital Input Output Open Drain, DIOT - Digital Input Output Tristate, P - Power Supply or Ground.
Pin N°
Name
Type
Description
B1
MIC1P
AI
Positive high impedance input to transmit preamplifier for microphone 1
connection.
B2
MIC1N
AI
Negative high impedance input to transmit preamplifier for microphone 1
connection.
A2
MIC2P
AI
Positive high impedance input to transmit preamplifier for microphone 2
connection.
A1
MIC2N
AI
Negative high impedance input to transmit preamplifier for microphone 2
connection.
C1
MIC3
AI
High impedance single ended input to transmit preamplifier for
microphone 3 connection. MIC3 can be used as monophonic input for
the FM path in place of FML and FMR
B3
MBIAS
AO
Microphone Biasing Switch.
E1
FML
AI
Auxiliary analog audio Left channel input.
D2
FMR
AI
Auxiliary analog audio Right channel input.
F2,F1
LSP, LSN
AO
Receive analog amplifier complementary outputs. This differential
output can drive 50nF (with series resistor) or directly an earpiece
transductor of 8
Ω. The signal at this output can be: the sum of the
Receive Speech signal from DR, FML (or MIC3) input, the Internal Tone
Generator and the Sidetone signal, or the sum of the Audio Left
channel, FML (or MIC3) input and the Internal Tone Generator, or can
come from FML (or MIC3) input.
E2
HPL
AO
Audio headphone amplifier Left channel output. This output can drive
50nF (with series resistor) or directly an earpiece transductor of 16
Ω.
The signal at this output can be the sum of Audio Left channel, FML (or
MIC3) input and Internal Tone Generator, or the sum of Receive Speech
signal from DR, FML (or MIC3) input, Internal Tone Generator, Sidetone
signal, or can come from FML (or MIC3) input.
F4
HPR
AO
Audio headphone amplifier Right channel output. This output can drive
50nF (with series resistor) or directly an earpiece transductor of 16
Ω.
The signal at this output can be the sum of Audio Right channel, FMR
(or MIC3) input and Internal Tone Generator, or the sum of Receive
Speech signal from DR, FMR (or MIC3) input, Internal Tone Generator,
Sidetone signal, or can come from FMR (or MIC3) input.
A3
REMOUT/OCK
DO
Remocon function digital output / Oversampled Clock out.
C4
REMIN
DI
Remocon function input. A high level at this pin is detected as a non
pressed key, while a low level is detected as a pressed key.
E6
BZ
AO
Pulse width modulated buzzer driver output.
F6
SCL
DI
I2C-bus interface serial clock input. SCL is asynchronous with the other
system clocks.
F5
SDA
DIOD
I2C-bus interface serial data input-output.
C6
LRCK
DIOT
Left
⁄ Right clock or Frame Sync for Audio interface input in Slave
mode, output in Master mode.
D6
SCK
DIOT
Audio interface Serial Clock input in Slave mode, output in Master mode.
D5
SDI
DI
Audio interface Data input.
E5
AMCK
DI
Master Clock Input for Audio Mode. Can also be used as Master Clock
in Tone Only and FM Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com