Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5094AD/LF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW5094AD/LF
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094AD/LF Datasheet(HTML) 2 Page - STMicroelectronics

  STW5094AD/LF Datasheet HTML 1Page - STMicroelectronics STW5094AD/LF Datasheet HTML 2Page - STMicroelectronics STW5094AD/LF Datasheet HTML 3Page - STMicroelectronics STW5094AD/LF Datasheet HTML 4Page - STMicroelectronics STW5094AD/LF Datasheet HTML 5Page - STMicroelectronics STW5094AD/LF Datasheet HTML 6Page - STMicroelectronics STW5094AD/LF Datasheet HTML 7Page - STMicroelectronics STW5094AD/LF Datasheet HTML 8Page - STMicroelectronics STW5094AD/LF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
1/51
December 2005
.
STw5094A
18-bit Low Power Asynchronous Stereo Audio DAC
with Integrated Power Amplifiers and Voice Codec
Rev. 2
FEATURES
Complete stereo audio digital to analog
converters and filters
– 18-bit, 8 kHz to 48 kHz DAC with sample-rate
conversion
– Linear phase analog&digital filters
–16
Ω load stereo headphones drivers, 8 Ω
load mono loudspeaker driver for group
listening
Stereo audio DAC features
– Asynchronous sampling DAC: does not
require oversampled clock and information
on the audio data sampling frequency.
Jitter tolerant
– Multibit
Σ∆ modulator with data weighted
averaging DAC
– 92 dB dynamic range, 0.01% THD over 16
load performance
– Support any sampling frequency in the range
8 kHz to 48 kHz
– DSP functions for bass-treble-volume
controls, deemphasis filter and dynamic
compression
– Tones from tone generator can be injected in
the audio paths
Stereo headphones and loudspeaker/earpiece
power amplifiers features and stereo input for
FM radio features:
– 20 kHz bandwidth stereo headphones
outputs. Driving capability: 40 mW
(typ. 0.1% T.H.D) over 16
Ωwith 40 dB range
programmable gain
– Balanced earpiece
⁄ loudspeaker output.
Driving capability: 300 mW (typ. 0.1% T.H.D)
over 8
Ωwith 30dB range programmable gain
– Analog stereo input for FM radio with 38 dB
range programmable gain
Complete CODEC and filter system
– 14-bit linear or 8-bit companded ADC and
DAC
– Transmit and receive digital band-pass filters
– Active antialias and smoothing filters
–8
Ω load earpiece/loudspeaker driver,
16
Ω load auxiliary driver
Voice CODEC features
– Support 8 kHz or 16 kHz sampling rate
– One microphone biasing output
– Remote control function
– Three switchable microphone amplifier
inputs. 42.5 dB range programmable gain
– Transient supression during power up and
power down
– Internal programmable sidetone
– Internal ring, tone and dtmf generator
– Programmable PWM buzzer driver
General features
– Single 2.7 V to 3.3 V supply
– Extended temperature range operation 1
-40 °C to 85 °C
–1
µW standby power (typ. AT 2.7V).
– 16 mW operating power in audio listening
mode (typ. at 2.7 V).
1.Functionality guaranteed in the range -40°C to +85°C; Timing and Electrical Spec. are guaranteed in the range -30°C to +85°C.
TFBGA 6x6 (36 pins)
ORDER CODES: STw5094AD/LF, STw5094ADT/LF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com