Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8019B27T/LF Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW8019B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019B27T/LF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW8019B27T/LF Datasheet HTML 16Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 17Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 18Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 19Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 20Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 21Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 22Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 23Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
STw8009/STw8019
Functional description
19/65
4.9
Composite video signal generation
The composite video signal is created by adding the luminance and the chrominance
components. A saturation function is included in the adder to avoid overflow errors.
4.10
MacrovisionTM copy protection
The chrominance luminance and composite video signals and RGB video signals can be
altered according to the MacrovisionTM copy protection Revision 7.01 and Revision 6.1.
This process is controlled via the I²C bus. A programming document is available to those
customers who have executed a license or a non-disclosure agreement with Macrovision
Corporation.
For all relevant information or document please contact:
Macrovision Corporation:
2830 De La Cruz Blvd.
Santa Clara, CALIFORNIA 95050
USA
www.macrovision.com
4.11
TV/VCR plug insertion detection
Plugdet ball is used to detect the connection of a TV or a VCR. The host can read the status
in a dedicated register in standby and active modes.
4.12
DAC
STw80x9 outputs generate Composite video signal on one output or Y/C video signals on
two outputs.
Two embedded 10-bit DACs allow the STw80x9 to directly drive 37.5 Ohms loads on each
output.
4.13
Power management
Power management includes power supplies, reset signals, clock gating and a set of
dedicated pins and registers. Power management is used to set the STw80x9 in different
operating modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com