Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8019B27T/LF Datasheet(PDF) 43 Page - STMicroelectronics

Part # STW8019B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8019B27T/LF Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STW8019B27T/LF Datasheet HTML 39Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 40Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 41Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 42Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 43Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 44Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 45Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 46Page - STMicroelectronics STW8019B27T/LF Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Control registers
STw8009/STw8019
42/65
main_if_del: The delay on the luma comparing to chroma in CVBS and S-VHS outputs.
This delay is 5 clock cycles (27 MHz clock).
(*) 0 = enabled
1 = disabled
ennotch: Notch filtering on the cvbs output
(*) 0 = disabled
1 = enabled
dac12_conf: Please refer to the table below for all combinations to be observed at DACs.
Defines the phase shift in the subcarrier during active video with respect to the subcarrier
phase during the color burst. Once enabled by Register_4(2) “hue_en”, phase variation
would be in a range of +/- 22.324 degrees with increments of 0.17578127.
Note:
Pulse the Register_4(2) “hue_en” to make sure that a value programmed in this register is
effective immediately after programming Hue_control. Once enabled, to disable any phase
shift in active subcarrier wrt burst, write the default value into the Hue_control register
followed by a pulse on Register_4(2) “hue_en”.
REGISTER 93
Configuration 11
Address:
0x005D
Type: R/W
content
xxx
main_if_
del
xxx
xxx
default
[0]
[0]
[1]
[0]
10
00
REGISTER 94
Configuration 12
Address:
0x005E
Type: R/W
content
xxx
xxx
xxx
ennotch
xxx
default
[0]0
0
0
[0]0[0]0
REGISTER 95
Configuration 13
Address:
0x005F
Type: R/W
content
dac12_
conf
default
[0]
[0]
0
[0]
[0]
[0]
[0]
[1]
Table 18.
dac12_conf
dac12_conf
dac1
dac2
(*)0
Y
C
1
CVBS
REGISTER 105
Hue control
Address: 0x0069
Type: R/W
content
hue_
cont (7)
hue_
cont (6)
hue_con
t (5)
hue_
cont (4)
hue_
cont (3)
hue_
cont (2)
hue_
cont (1)
hue_
cont (0)
default
00
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com