Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TBF1608-245-R1N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TBF1608-245-R1N
Description  Thin Film Chip LC Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TBF1608-245-R1N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TBF1608-245-R1N Datasheet HTML 1Page - List of Unclassifed Manufacturers TBF1608-245-R1N Datasheet HTML 2Page - List of Unclassifed Manufacturers TBF1608-245-R1N Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thin Film Chip LC Filter
TLF series
Low top max. 0.35mm
Excellent frequency characteristic
Example of application and its Characteristic
Now under development
Completely lead free
RoHS compliant
specification
Simulation
470~600MHz
1.0dB max
600~710MHz
1.8dB max
710~770MHz
3.5dB max
890MHz~2.5GHz
20dB min
Attenuation
Insertion Loss
specification
Simulation
470~570MHz
1.5dB max
570~670MHz
2.0dB max
670~770MHz
3.5dB max
880MHz~2.5GHz
15dB min
Attenuation
Insertion Loss
Mechanical
Electrical
Electrical
●Low Pass filter (LPF) for digital terrestrial broadcasting receiver
0.00
−10.00
−20.00
−30.00
Freq(GHz)
−40.00
−50.00
0.00
1.00
2.00
3.00
4.00
5.00
S11
S21
2.0
±0.1mm
1.60
±0.1m
1.0
±0.15m
1.2
±0.1mm
0.80
±0.1mm
0.35
±0.1mm
0.30mm Typ
TLF-1608-078-***
Mechanical
TLF-2012-078-***
0.35mm max
0.35
±0.15mm
0.00
−10.00
−20.00
−30.00
Freq(GHz)
−40.00
0.00
1.00
0.50
1.50
2.00
2.50
3.00
S11
S21
1.25
±0.1mm
Mechanical
Electrical
TLF-1005-078-***
susumu group catalog
specification
Simulation
470~770MHz
1.0dB max
1.7GHz
30dB min
Attenuation
Insertion Loss
1.0
±0.1mm
0.3mm
0.4mm
0.35mm max
0.00
−10.00
−20.00
−30.00
Freq(GHz)
−50.00
0.00
2.00
1.00
3.00
4.00
5.00
−40.00
0.50
±0.1mm
S11
S21


Similar Part No. - TBF1608-245-R1N

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
TBF10 CHONGQING-TBF10 Datasheet
217Kb / 2P
SINGLE PHASE1.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
TBF10M BILIN-TBF10M Datasheet
728Kb / 4P
Silicon Bridge Rectifiers
Rev.B
logo
Automatic Timing & Cont...
TBF120AAA ATC-TBF120AAA Datasheet
371Kb / 1P
Repeat Cycle-OFF Time First DIP Switch TDR
TBF120ABA ATC-TBF120ABA Datasheet
371Kb / 1P
Repeat Cycle-OFF Time First DIP Switch TDR
TBF120ACA ATC-TBF120ACA Datasheet
371Kb / 1P
Repeat Cycle-OFF Time First DIP Switch TDR
More results

Similar Description - TBF1608-245-R1N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
Thin Film Chip Inductors
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
Thin Film Chip Fuse
logo
KOA Speer Electronics, ...
CNN KOA-CNN Datasheet
372Kb / 2P
thin film chip networks
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
Thin Film Chip Inductors
10-Aug-06
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
Thin Film Chip Inductors
10-Aug-06
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
Thin Film Chip Fuse
30-Apr-2021
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
Thin Film Chip Inductor
09/18/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com