Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TBF1608-245-R1N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TBF1608-245-R1N
Description  Thin Film Chip LC Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TBF1608-245-R1N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TBF1608-245-R1N Datasheet HTML 1Page - List of Unclassifed Manufacturers TBF1608-245-R1N Datasheet HTML 2Page - List of Unclassifed Manufacturers TBF1608-245-R1N Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thin Film Chip LC Filter
W-LAN, Bluetooth,TBL series(Balun),
TBB series(Balance filter),TDP series(Diplexer)
NEW
Low top max. 0.4mm and small size.
Excellent loss characteristics.
SPECIFICATIONS
susumu group catalog
Completely lead free
RoHS compliant
Mechanical
Electrical
①
②
③
④
⑤
⑥
TBL1608-245-M2
GND or Dc feed
NC
Unbalance Port
Balance Port
NC
Balance Port
①
②
③
④
⑤
⑥
TDP series
LB
(HB)
GND
HB
(LB)
GND
Com
GND
①
②
③
④
TBL1005
Balance Port
Balance Port
GND or Dc feed + RF GND
Unbalance Port
①
②
③
④⑥
⑤⑦⑧
TBB2012
Unbalance Port
Dcfeed and RF GND or GND
NC
Balance Port
GND
TBL1608-245-M2
NC
GND or Dc feed
Balance Port
Unbalance Port
GND or Dc feed
Balance Port
Balun
Balance filter
TBL-1005-537-M2
TBL-1608-245-M2
For W-LAN
5375
4900 5850
50
100
180
±10deg
1.2dB Max at 25 C
2.0 Max
500mW Max
For Bluetooth, W-LAN
2450
2400 2500
50
100
180
±10deg
1.0dB Max at 25 C
2.0 Max
500mW Max
TBL1005-245-M2
For Bluetooth, W-LAN
2450
2400 2500
50
100
180
±10deg
1.2dB Max at 25 C
2.0 Max
500mW Max
TBL-1005-245-M1
For Bluetooth, W-LAN
2450
2400 2500
50
50
180
±10deg
1.2dB Max at 25 C
2.0 Max
500mW Max
TBL-1608-245-L1
For Bluetooth, W-LAN
2450
2400 2500
50
50
180
±10deg
1.0dB Max at 25 C
2.0 Max
500mW Max
Type
Application
F0(MHz)
Band(MHz)
Unbalance Port Impedance
balance Port Impedance
Phase
Insertion Loss
VSWR in BW
Power
TBB-2012-245-C2
For Bluetooth, W-LAN
2450
2400 2500
50
Conjyugate match to CSR series
Type
Application
F0(MHz)
Band(MHz)
Unbalance Port Impedance
balance Port Impedance
180
±10deg
2.0 MAX
3.5dB Max at 25 C
500mW Max
Phase
VSWR at Unbalance Port in BW
Insertion Loss
2.0
±0.1
0.35
±0.1
1.25
±0.1
0.15
±0.05
0.5
±0.1
0.225
±0.1
0.2
±0.05
0.3
±0.05
0.35
±0.05
③
⑦
⑧
②
①
④
⑤
⑥
TBL 1608 - 245 - M2
PART NUMBER
2.0 Max.
2.0 Max.
50
TDP2012-217-G1
For CDMA
824 960MHz
1710 2170MHz
0.70dB at 824 915MHz
0.85dB at 925 960MHz
0.75dB at 1710 1910MHz
0.85dB at 1910 2170MHz
Type
Application
VSWR in
BW
Impedance
Insertion
Loss
Pass Band
Low
Low
20dB at 1648 1830MHz
25dB at 2400 2500MHz
20dB at 2472 2745MHz
20dB at 3296 3660MHz
Low
Low
High
High
10dB at 3240 3820MHz
10dB at 5130 5730MHz
10dB at 6840 7640MHz
High
High
Attenuation
Diplexer
35.0dB at 880 960MHz
30.0dB at 1700 1880MHz
20.0dB at 1880 1990MHz
30.0dB at 4800 5000MHz
Power
Attenuation
Center Frequency F0
Dimension
Type(see electrical characteristics table)
Part Code
TBL1608 series
TDP series
1.0
±0.1
Top View
0.4
±0.1
①
②
③
④
BACK View
②
①
④
③
0.5
±0.2
0.3
±0.1
0.3
±0.1
0.4
±0.1
0.08
±0.1
(Dimension:mm)
(Dimension:mm)
(Dimension:mm)
(Dimension:mm)
1.6
±0.05
0.4max
0.8
±0.05
0.2
±0.05
0.1
±0.05
0.3
±0.05
0.25
±0.05
①
②
③
⑥
⑤
④
2.0
±0.1
0.4max
1.25
±0.1
0.2
±0.05
0.3
±0.05
0.3
±0.05
0.35
±0.05
①
②
③
⑥
⑤
④



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com