Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6728ATR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6728ATR
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728ATR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6728ATR Datasheet HTML 7Page - STMicroelectronics L6728ATR Datasheet HTML 8Page - STMicroelectronics L6728ATR Datasheet HTML 9Page - STMicroelectronics L6728ATR Datasheet HTML 10Page - STMicroelectronics L6728ATR Datasheet HTML 11Page - STMicroelectronics L6728ATR Datasheet HTML 12Page - STMicroelectronics L6728ATR Datasheet HTML 13Page - STMicroelectronics L6728ATR Datasheet HTML 14Page - STMicroelectronics L6728ATR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
L6728A
Soft-start
11/32
6
Soft-start
L6728A implements a soft-start to smoothly charge the output filter avoiding high in-rush
currents to be required from the input power supply. The device gradually increases the
internal reference from 0 V to 0.8 V in 4.5 msec (typ.), in closed loop regulation, linearly
charging the output capacitors to the final regulation voltage. A pre-charged output voltage
will affect the soft-start duration, resulting in a reduction of this period of time (< 4 msec).
During the soft-start process all the protections but the UVP are active: the UVP becomes
active as soon as the soft-start ends up.
The device begins soft-start phase only when VCC power supply is above UVLO threshold
and over-current threshold setting phase has been completed.
6.1
Low-side-less start up (LSLess)
In order to avoid any kind of negative undershoot and dangerous return from the load during
start-up, L6728A performs a special sequence in enabling LS driver to switch: during the
soft-start phase, the LS driver results disabled (LS = OFF) until the HS starts to switch. This
avoid the dangerous negative spike on the output voltage that can happen if starting over a
pre-biased output.
If the output voltage is pre-biased to a voltage higher than the final one, the HS would never
start to switch. In this case, at the end of soft-start time, LS is enabled and discharge the
output to the final regulation value.
This particular feature of the device masks the LS turn-on only from the control loop point of
view: protections by-pass this turning ON the LS MOSFET in case of need.
Figure 4.
LSLess startup (left) vs. non-LSLess startup (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com